PART |
Description |
Maker |
PUMA67E4007AM-25 PUMA67E4007AM-25E PUMA67E4007-20 |
x32 EEPROM Module 150NS, TSOP, IND TEMP(EEPROM) 150NS, PDIP, IND TEMP(EEPROM) 150NS, FLATPACK, 883C; LEV B CMPLNT(EEPROM) 150NS, PLCC, COM TEMP(EEPROM) 200NS, FLATPACK, 883C; LEV B COMPLIANT(EEPROM) 150NS, 44LCC, 883C; LEV B COMPLIANT(EEPROM) 350NS,PGA,883C; LEVEL B FULLY COMPLIANT(EEPROM) 150NS, PGA, 883C; LEV B FULLY COMPLIANT(EEPROM) 250NS, 32LCC, 883C; LEV B COMPLIANT(EEPROM) 250NS, CERDIP, 883C; LEV B COMPLIANT(EEPROM) 150NS, CERDIP, 883C; LEV B COMPLIANT(EEPROM) 250NS, PGA, 883C; LEV B FULLY COMPLIANT(EEPROM) 120NS, PGA, 883C; LEV B FULLY COMPLIANT(EEPROM) 150NS, PLCC, AUTO TEMP(EEPROM) X32号的EEPROM模块 150NS, CERDIP, 883C; LEV B COMPLIANT(EEPROM) X32号的EEPROM模块 200NS, CERDIP, 883C; LEV B COMPLIANT(EEPROM) X32号的EEPROM模块 DIE(EEPROM) X32号的EEPROM模块 200NS, PDIP, IND TEMP(EEPROM)
|
Microtips Technology, Inc. Amphenol, Corp. TE Connectivity, Ltd.
|
ADP3412 ADP3412JR |
Replaced by BQ29415 : Voltage Protection for 2, 3, or 4 Cell LiIon Batteries (2nd Lev Protection) 8-SM8 -25 to 85 Dual MOSFET Driver with Bootstrapping
|
Analog Devices, Inc. AD[Analog Devices]
|
ADP3342JRM-REEL7 ADP3342 ADP3342ARM-REEL7 |
2nd Level Over Voltage Protection for 2, 3, or 4 Cell LiIon & LiPoly Batteries (2nd Lev Protection) 8-SM8 -25 to 85 Ultralow, IQ, anyCAP Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
ADP3408 ADP3408ARU-18 ADP3408ARU-25 ADP3408ARU-1.8 |
0.3-10.0V; GSM power management system. For GSM/DCS/PCS/CDMA handsets Replaced by BQ29415 : Voltage Protection for 2, 3, or 4 Cell LiIon Batteries (2nd Lev Protection) 8-SM8 -25 to 85
|
AD[Analog Devices] Analog Devices, Inc.
|
AM24S-3.3-13 AM48S-3.3-13 AM48S-2.5-10 AM48S-15-20 |
7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 90NS, FLATPACK, 883C; LEV B COMPLIANT(EEPROM) Analog IC 90NS, PLCC, IND TEMP(EEPROM) 70NS, PDIP, COM TEMP(EEPROM) 模拟IC
|
Glenair, Inc.
|
AM4J-67205L-45 AM4J-67205V-45 AM4J-67205V-25 AM4J- |
90NS, CERDIP, 883C; LEV B COMPLIANT(EEPROM) 120NS, PDIP, IND TEMP(EEPROM) 70NS, PLCC, IND TEMP(EEPROM) 90NS, PLCC, IND TEMP(EEPROM) 120NS, TSOP, IND TEMP(EEPROM) Ultra Low Noise Precision High Speed Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision 5 Volt Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250NS, PGA, 883C; LEV B FULLY COMPLIANT(EEPROM) x9 Asynchronous FIFO X9热卖异步FIFO 70NS, PDIP, IND TEMP(EEPROM) X9热卖异步FIFO Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Ultra Low Noise Precision High Speed Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Panasonic, Corp. Bourns, Inc. Advanced Monolithic Systems, Inc. Cypress Semiconductor, Corp. Alpha Wire Company
|
AM29LV800BT-80DTC2 AM29LV800BT-80DGI2 AM29LV800BT- |
25NS,OTP CERDIP,883C; LEV B FULLY CMPLNT(EPLD) 20NS, OTP, PLCC, COM TEMP(EPLD) 20NS, SOIC, IND TEMP(EPLD) 25NS, SOIC, COM TEMP(EPLD) 20NS,OTP LCC,883C; LEVEL B FULLY CMPLNT(EPLD) 10MHZ, 8 DIP, COM TEMP(FPGA) 10MHZ, 20 PLCC, IND TEMP(FPGA) 10MHZ, 32 TQFP, COM TEMP(FPGA) 10MHZ, 44 PLCC, COM TEMP(FPGA) 30MHZ, 3.3V, 20 PLCC, COM TEMP(FPGA) 8 TSSOP,PB/HALO FREE,IND,1.8V(SERIAL EE) DIE SALE, 1.8V, 11 MIL(SERIAL EE) 8 PDIP,PB/HALO FREE,IND TEMP,1.8V(SERIAL EE) 65K CONFIG MEM, 20 PLCC, IND TEMP(FPGA) 10MHZ, 20 SOIC, IND TEMP(FPGA) 128K CONFIG MEM, 20 PLCC, COM(FPGA) EEPROM EEPROM 10MHZ, 8 NSOIC, COM TEMP(FPGA) EEPROM 512K X 16 FLASH 3V PROM, 120 ns, UUC44 10MHZ, 8 LAP, 5K MOQ(FPGA) 10MHZ, 8 N-SOIC, COM TEMP(FPGA) 10MHZ, 20 PLCC, COM TEMP(FPGA) 512K X 16 FLASH 3V PROM, 80 ns, UUC44
|
ADVANCED MICRO DEVICES INC
|
|