PART |
Description |
Maker |
MSK5040-5.0HG MSK5040-1.9 MSK5040-1.9E MSK5040-1.9 |
HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
|
M.S. Kennedy Corporatio... MSK[M.S. Kennedy Corporation]
|
CHL8112B-00CRT |
Dual Loop, 4 1 multiphase AMD PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
MAX5069DAUE |
10.8 V, high-frequency, current-mode PWM controller with accurate programmable oscillator and dual FET driver
|
MAXIM - Dallas Semiconductor
|
ASP1212-N20NT |
Single Loop, 8 phase VR11.x Intel Digital PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
AD7176-2 EVAL-AD7176-2SDZ AD7176-2BRUZ-RL |
The AD7176-2 is a fast settling, highly accurate, high resolution, multiplexed Σ-Δ analog-to-digital converter (ADC) for low band-width input signals.
|
Analog Devices
|
IR3567BMTRPBF |
Dual Loop, 6 2 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
IR3566B IR3566BMTRPBF |
Dual Loop, 6 1 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
EVAL-ADT7410EBZ ADT7410 ADT7410TRZ ADT7410TRZ-REEL |
±0.5°C Accurate, 16-Bit Digital I<sup>2</sup>C Temperature Sensor; Package: 8-pin; Temperature Range: -55°C to 150°C 隆戮0.5隆?C Accurate, 16-Bit Digital I2C Temperature Sensor ±0.5°C Accurate, 16-Bit Digital I2C Temperature Sensor
|
ANALOG DEVICES INC
|
LTC1998IS6-PBF LTC1998CS6 LTC1998CS6-PBF LTC1998CS |
2.5μA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring 2.5楼矛A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring 2.5レA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
|
Linear Technology
|
SMP11GY SMP10EY SMP10AY SMP11BY SMP11FY SMP11GP SM |
Low Droop Rate / Accurate / Sample and Hold Amplifiers IC,SAMPLE/TRACK-AND-HOLD AMPLIFIER,SINGLE,DIP,14PIN,CERAMIC LOW DROOP RATE/ACCURATE SAMPLE-ANDHOLD AMPLIFIERS
|
adi Analog Devices http://
|
5962-8994302QX 5962-8994303QX 5962-8994305QX 5962- |
Dual, High-Efficiency, Step-Down Controller with Accurate Current Limit 多模先进先出 High-Efficiency, Current-Mode, Inverting PWM Controller 多模先进先出 White LED Step-Up Converter in SOT23 多模先进先出
|
PHOENIX CONTACT Deutschland GmbH
|
TMP05 TMP05AKS-500RL7 TMP05AKS-REEL TMP05AKS-REEL7 |
Complete Temperature Monitoring System 【0.5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
|
AD[Analog Devices]
|