PART |
Description |
Maker |
CS3842B CS3842BGD14 CS3842BGD8 CS3842BGDR14 CS3842 |
Off-Line Current Mode PWM Control Circuit with Very Low Start Up Current Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit 离线式电流模式PWM控制电路脱线电流模式PWM控制电路 IC DC/DC CONVERTER STEPUP SIP13 离线式电流模式PWM控制电路脱线电流模式PWM控制电路 IC CONV DC/DC PCMCIA 12V SIP9 离线式电流模式PWM控制电路脱线电流模式PWM控制电路
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation ZF Electronics, Corp.
|
CA82C59A-10CJ CA82C59A-10CN CA82C59A-8IP CA82C59A- |
300KHZ -5V/ADJ INVERTING, NEGATIVE OUTPUT CURRENT MODE PWM REGULATOR 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors ST92F124/ST92F150/ST92F250 - 8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD 3.3V Step down current mode PWM DC-DC converters 中断控制 Interrupt Controller 中断控制
|
Microchip Technology, Inc. Atmel, Corp.
|
LX1553 LX1552 LX1554 LX1555 LX1552CDT LX1554CPWT |
Current-Mode SMPS Controller 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO20 Current-Mode SMPS Controller 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO14 ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM ULTRA-LOW START-UP CURRENT/ CURRENT-MODE PWM
|
Microsemi, Corp. Microsemi Corporation
|
ISL6740 ISL6740IB ISL6740IBZ ISL6740IVZ ISL6741IVZ |
Flexible Double Ended Voltage and Current Mode PWM Controllers PWM controller for hard-switched full bridge and push-pull applications
|
INTERSIL[Intersil Corporation]
|
MAX731-MAX752 MAX732CPA MAX732CWA MAX732EPA MAX732 |
5V Adjustable CMOS Step Up Current Mode DC-DC Conerter(5V,无外部MOSFET,步升,PWM DC-DC变换 5V、升压型、电流模式PWM DC-DC转换 5V, Step-Up, Current-Mode, PWM DC-DC Converter 5V/Adjustable Step-Up Current-Mode DC-DC Converters 5V/Adjustable升压电流模式的DC - DC转换
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
UC3843A-BW UC3845A-BW UC3842A-BW |
Current Mode PWM Controller Low Start-Up and Operating Current
|
First Components International First Components Intern...
|
MAX730 MAX730A MAX730ACPA MAX730ACSA MAX730AEPA MA |
5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 210 kHz SWITCHING FREQ-MAX, PDSO8 5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 212.5 kHz SWITCHING FREQ-MAX, PDSO16 Circular Connector; No. of Contacts:26; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-26 RoHS Compliant: No Replaced by SN54197 : 50/30/100-Mhz Presettable Decade OR Binary Counters/Latches 20-LCCC -55 to 125 5V / Step-Down / Current-Mode PWM DC-DC Converters 5V Step-Down Current-Mode PWM DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
HV9120 HV9120NG HV9120P HV9120PJ HV9120X HV9123 HV |
High-Voltage Current-Mode PWM Controller
|
SUTEX[Supertex, Inc] Supertex Inc SUTEX[Supertex Inc]
|
HV9112NG-G HV911207 |
High-Voltage Current-Mode PWM Controller
|
Supertex, Inc
|
NCP1256ASN65T1G NCP1256BSN65T1G NCP1256ESN65T1G |
Low Power Offline PWM Current Mode Controller
|
ON Semiconductor
|
FP6298XR-G1 |
Low-Noise 4.5A Step-Up Current Mode PWM Converter
|
Feeling Technology
|