PART |
Description |
Maker |
M95320-WDW6P M95320-WDW6TP |
32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
|
STMicroelectronics
|
M95320-VBN1T M95640-VBN1T M95640-VBN3T M95640-VBN5 |
16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock RECTIFIER SBR DUAL 40A 100V 300A-ifsm 830mV-vf 0.5mA-ir TO-220AB 50/TUBE Low voltage PLL stereo decoder Octal Transparent D-Type Latches With 3-State Outputs 20-TSSOP -40 to 85 GreenChip SMPS controller IC RECTIFIER SBR DUAL 40A 100V 300A-ifsm 830mV-vf 0.5mA-ir TO-247 50/TUBE TV sound AM-demodulator and audio source switch 64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock 64/32/16/8千位串行SPI总线的EEPROM高速时 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit32Kbit SPI总线串行EEPROM的高速时 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit2Kbit SPI总线串行EEPROM的高速时 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-89 -40 to 85 64/32/16/8千位串行SPI总线的EEPROM高速时 Mains LED driver IC's 64/32/16/8千位串行SPI总线的EEPROM高速时 I2C-bus controlled economic BTSC stereo decoder and audio processor 64Kbit2Kbit SPI总线串行EEPROM的高速时 64 x 36 x 2 bidirectional synchronous FIFO memory 132-BQFP 0 to 70 64/32/16/8千位串行SPI总线的EEPROM高速时 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 85 4K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
LE25LA322 |
Serial SPI EEPROM (SPI Bus) (32Kbit)
|
Sanyo Semicon Device
|
24C64 M24C64 M24C64BN1T M24C64-BN3 M24C64-BN3P M24 |
20-Bit Bus-Interface D-Type Latch With 3-State Outputs 56-SSOP -40 to 85 RECTIFIER SCHOTTKY SINGLE 10A 35V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-220AB 50/TUBE 64/32千位串行I?C总线的EEPROM 1-Bit To 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 64Kbit32Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS 16-Bit Transparent D-Type Latch With 3-State Outputs 48-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM Collier 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 3.3-V 20-Bit Flip-Flop With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 18-Bit To 36-Bit Registered Bus Exchanger With 3-State Outputs 80-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM ECONOLINE: RSZ/P - 1kVDC FUSE 18-Bit Universal Bus Driver with 3-State Outputs 56-SSOP -40 to 85 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 64/32KbitSerialICBusEEPROM 64/32 Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial IC Bus EEPROM 64/32 Kbit Serial IC Bus EEPROM 64Kbit and 32Kbit Serial I?C Bus EEPROM 64/32 Kbit Serial I?C Bus EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AT25HP512W2-10SI-1.8 AT25HP512W2-10SI-2.7 AT25HP51 |
SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, PDSO16 SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, DSO8 128-byte Page Mode Only for Write Operations
|
Atmel, Corp. ATMEL Corporation http://
|
ST95040 ST95040B1TR ST95040B3TR ST95040B6TR ST9504 |
4K serial SPI EEPROM with positive clock strobe 4/2/1 KBITS SERIAL SPI EEPROM WITH POSITIVE CLOCK STROBE (ST950x0) 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe MOSFET, N SOT-23MOSFET, N SOT-23; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:SOT-23; Current, Id cont:2.6A; Current, Idm pulse:10A; Power, Pd:0.75W; Resistance, Rds on:0.07R; SMD:1; Current, Id 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe 4K/2K/1K串行SPI EEPROM,带有正时钟选 SPI Serial EEPROM SPI串行EEPROM 2K serial SPI EEPROM with positive clock strobe
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
AT25256 AT25256-10CC AT25256-10CC-1.8 AT25256-10CC |
SPI Serial EEPROMs 32K X 8 SPI BUS SERIAL EEPROM, DSO8 122 x 32 pixel format, Compact LCD size 16K X 8 SPI BUS SERIAL EEPROM, PDSO20 BOX WATERTIGHT 6.01X3.24X1.81,1 16K X 8 SPI BUS SERIAL EEPROM, PDSO14 SPI Serial EEPROMs 16K X 8 SPI BUS SERIAL EEPROM, CDSO8 High Speed CMOS Logic Non-Inverting Octal-Bus Transceivers with 3-State Outputs 20-PDIP -55 to 125 128 x 64 pixel format, LED or EL Backlight available High Speed CMOS Logic Non-Inverting Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC -55 to 125
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
BR25H640F-2LBH2 |
125°C Operation SPI BUS 64Kbit (8192x8bit) EEPROM
|
ROHM
|
X25401 X25401P X25401PI X25401PM X25401S X25401SI |
SPI Serial AUTOSTORENOVRAM SPI Serial AUTOSTORE NOVRAM SPI Serial AUTOSTORE⑩ NOVRAM
|
XICOR[Xicor Inc.]
|
SST25VF080B SST25VF080B-50-4C-QAF SST25VF080B-50-4 |
8 Mbit SPI Serial Flash From old datasheet system SST’s serial flash family features a four-wire, SPI-compatible interface that allows for a low pin-c
|
SST Silicon Storage Technology, Inc.
|