PART |
Description |
Maker |
SMBJ10 SMBJ40 SMBJ40A SMBJ30 SMBJ8.0 SMBJ8.5A SMBG |
SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB⒙ TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR High Speec CMOS Logic 4-Bit Parallex Access Register 16-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge Triggered D-Type Flip-Flops with 3-State Output 20-CDIP -55 to 125 High Speed CMOS Logic Dual Binary Up-Counter 16-CDIP -55 to 125 CMOS Dual Binary Up-Counter 16-CDIP -55 to 125 9-Bit Odd/Even Parity Generator/Checker 14-CDIP -55 to 125 High Speed CMOS Logic Dual J-K Flip-Flops with Set and Reset, Negative-Edge Trigger 16-CDIP -55 to 125 PV SERIES 表面贴装TRANSZORB⑩瞬态电压抑制器 SURFACE MOUNT TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR 表面贴装TRANSZORB⑩瞬态电压抑制器 TransZorb Surface Mount Transient Voltage Suppressor(TransZorb表贴型瞬变电压抑制器) TransZorb表面贴装瞬态电压抑制器(TransZorb表贴型瞬变电压抑制器 SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?TRANSIENT VOLTAGE SUPPRESSOR
|
http:// GE[General Semiconductor] GE Security, Inc.
|
Y4485V0052QT9R Y4485V0065QT9R Y4485V0066QT9R Y4485 |
Ultra High Precision Bulk Metal㈢ Z-Foil Surface Mount Voltage Divider Ultra High Precision Bulk Metal? Z-Foil Surface Mount Voltage Divider Ultra High Precision Bulk Metal庐 Z-Foil Surface Mount Voltage Divider Ultra High Precision Bulk Metal垄莽 Z-Foil Surface Mount Voltage Divider Ultra High Precision Bulk Metal? Z-Foil Surface Mount Voltage Divider
|
http:// Vishay Siliconix
|
2N3501CSM4 |
HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS High Voltage Medium Power NPN Transistor In a Hermetically Sealed Cermic Surface Mount Package For High Reliability Application(高电压、中等功率、高可靠性、NPN晶体管(陶瓷表贴封装
|
SemeLAB SEME-LAB[Seme LAB]
|
CMPTA42E CMPTA92E |
SMD Small Signal Transistor PNP High Voltage ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
CMLD6263A CMLD6263S CMLD6263C |
SMD Schottky Diode Dual Pair: High Voltage: Common Anode SMD Schottky Diode Dual Pair: High Voltage: In Series SMD Schottky Diode Dual Pair: High Voltage: Common Cathode SURFACE MOUNT PICOmini??DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES SURFACE MOUNT PICOmini⑩ DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES SURFACE MOUNT PICOmini DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
3KASMC10AHE3/57T 3KASMC10AHE3/9AT 3KASMC36A 3KASMC |
Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions) Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions) 表面贴装汽车瞬态电压抑制器(高温度稳定
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
SS8PH10-M3-87A SS8PH10-M3-86A |
High Current Density Surface Mount High Voltage Schottky Rectifier
|
Vishay Siliconix
|
UH6PJ-E3/86A UH6PJ-E3/87A UH6PJ-M3/86A UH6PJ-M3/87 |
High Current Density Surface Mount Ultrafast High Voltage Rectifier
|
Vishay Siliconix
|
SS8PH10-E3_86A SS8PH10-E3_87A SS8PH10-M3_86A SS8PH |
High Current Density Surface Mount High-Voltage Schottky Rectifier
|
Vishay Siliconix
|
TPSMB30AHE3-52T TPSMB30AHE3-5BT TPSMB20A TPSMB36A |
Surface Mount PAR? Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
|
Vishay Siliconix
|
TPSMA6.8AHE35AT TPSMA39A TPSMA36A TPSMA10 TPSMA6.8 |
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
|
Vishay Siliconix
|