PART |
Description |
Maker |
44WR500T13 |
Model 44 Series / 4mm Square Multi-Turn Surface Mount
|
BI Technologies
|
EVN5C EVN5E EVM7L EVM1 EVM1D EVM1E EVM1U EVM1X EVM |
4mm Square SMT Trimmer Potentiometers
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
93A1A-B28-A15 |
Model 91, 92, 93, 94 & 95 - 5/8 ?Square Single-Turn Panel Control
|
Bourns Electronic Solutions
|
5065 5067 |
ADAPTERS, BETWEEN SERIES 2.4mm / 3.5mm, DC - 34 GHz
|
Aeroflex Circuit Techno... Aeroflex Circuit Technology
|
DVP-C600D |
US Model, Canadian Model, Mexican Model
|
SONY[Sony Corporation]
|
3224J-FW5-XXXX |
(3224 Series) 4mm SMD Trimming Potentiometer
|
Bourns
|
LN312GP LN820WP LN435YPH LN412YP LN427YP LN235RPH |
Triangle 4mm x 4.5mm series. Lens color green diffused. 1.75mm x 7mm series. Lens color white diffused. Triangle 2mm x 2.5mm series. Lens color amber diffused. Triangle 4mm x 4.5mm series. Lens color amber diffused. Triangle 2.5mm x 5mm series. Lens color amber diffused. Triangle 2mm x 2.5mm series. Lens color red diffused.
|
Panasonic
|
LN352GPX |
Square Type 4.0 mm × 4.0 mm Series
|
Matsshita / Panasonic
|
IRS21814M IRS21814MTRPBF |
High and Low Side driver in a 16 Lead MLPQ 4mm x 4mm package.
|
International Rectifier
|
LT1762 LTC3445EUF |
I2C Controllable Buck Regulator with Two LDOs in a 4mm 】 4mm QFN
|
Linear Technology
|