PART |
Description |
Maker |
EM4100A5CI2LC EM4100A5CX EM4100A5CY EM4100A6CB2RC |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC 模拟杂项 Analog Miscellaneous 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC Microprocessor CORE Voltage Regulator 2-4 Phase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-QFN Single 12V Input Supply Dual Regulator - Synchronous Rectified Buck PWM and Linear Power Controller; Temperature Range: -40°C to 85°C; Package: 16-QFN ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-SOIC ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-QFN T&R AnalogMiscellaneous
|
EPCOS AG TE Connectivity, Ltd.
|
HIP6303 HIP6303CB HIP6303CB-T HIP6303EVAL1 |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2-4 Phase Sync Buck, 4-Bit VID DAC, 1.30V to 2.05V in 50mV Steps, % Reg, AMD Athlon Compatible
|
INTERSIL[Intersil Corporation]
|
HIP630104 HIP6301CBZ HIP6301CBZ-T HIP6301CBZA-T HI |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
HIP6301V HIP6301VCB-T HIP6301VCBZ HIP6301VCBZA-T H |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6219 ISL6219CA |
Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
|
INTERSIL[Intersil Corporation]
|
HIP6311 HIP6311CB HIP6311CB-T FN4817 HIP6301EVAL1 |
Microprocessor Core Voltage Regulator Multi-Phase Buck PWM Controller(微处理器核心电压稳压多相冲跳脉宽调制控制 微处理器核心电压调节器的多相降压PWM控制器(微处理器核心电压稳压多相冲跳脉宽调制控制器) From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL6527AIR ISL6527CB ISL6527EVA ISL6527IB ISL6527C |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller PWM Controller, External Reference, 3.3V to 5V Supply, 300 or 600kHz
|
INTERSIL[Intersil Corporation]
|
NCP1561DR2 NCP1561 |
Dual Output PWM Controller Push-Pull PWM Controller for 48 V Telecom Systems
|
ONSEMI[ON Semiconductor]
|
R1280D002A-TR R1280D002B R1280D002B-TR R1280D002C |
2CH PWM DC/DC Controller 0.05 A DUAL SWITCHING CONTROLLER, 805 kHz SWITCHING FREQ-MAX, PDSO10 2CH PWM DC/DC Controller 2声道的PWM DC / DC控制
|
Ricoh Co., Ltd. RICOH electronics devic...
|
IPM6220EVAL1 ISL6235CA ISL6235 ISL6235EVAL1 |
27.0; advanced triple PWM only mode and dual linear power controller for portable applications PWM Controller, Triple Linear and Dual PWM, 5.6 to 24V Input, Outputs 5/ 3.3V ALWAYS and 5V/ 3.3V Main, 12V, Notebook PCs Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC -40 to 85 只有先进的三重的PWM模式和双线性电源控制器,用于便携式应用
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
TC120 TC120303EHA TC120333EHA TC120503EHA TC120503 |
TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more cells, or in line-powered applications. It uses PWM as the primary modulation scheme, but automatically conver TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more ... PWM/PFM Step-Down Combination Regulator/Controller PWM / PFM切换降压组合稳压控制
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|