Part Number Hot Search : 
FB11N50 3EZ14 00390 DSP56602 2SC6013 FM301 CM1000 MC339
Product Description
Full Text Search
  buck Datasheet PDF File

For buck Found Datasheets File :: 9235    Search Time::2.266ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SP7651ER-L/TR SP7651ER/TR SP765107

Sipex Corporation
Part No. SP7651ER-L/TR SP7651ER/TR SP765107
OCR Text buck Regulator TM FEATURES * 2.5V to 20V Step Down Achieved Using Dual Input * Output Voltage down to 0.8V * 3A Output Capability (Up to 5A with Air Flow) * Built in Low RDSON Power FETs (40 m typ) * Highly Integrated Design, Minimal Co...
Description Wide Input Voltage Range 3Amp 900kHz buck Regulator

File Size 950.18K  /  15 Page

View it Online

Download Datasheet





    STBB1-APUR

STMicroelectronics
Part No. STBB1-APUR
OCR Text buck-boost dc-dc converter features buck-boost dc-dc converter operating input voltage range from 2.0 v to 5.5 v 2% dc feedback voltage tolerance synchronous rectification shutdown function 1.5 mhz switching frequency power save mod...
Description 1 A, high efficiency single inductor dual mode buck-boost DC-DC converter

File Size 1,520.17K  /  22 Page

View it Online

Download Datasheet

    MCP14628T

Microchip Technology
Part No. MCP14628T
OCR Text buck Power MOSFET Driver Features * Dual Output MOSFET Driver for Synchronous Applications * High Peak Output Current: 2A (typical) * Adaptive Cross Conduction Protection * Internal Bootstrap Blocking Device * +36V BOOT Pin Maximum Rating...
Description 2A Synchronous buck Power MOSFET Driver
   2A Synchronous buck Power MOSFET Driver

File Size 342.06K  /  24 Page

View it Online

Download Datasheet

    MAX8893CEWV MAX8893A10

Maxim Integrated Products
Part No. MAX8893CEWV MAX8893A10
OCR Text ...GND .............-0.3V to +6.0V buck, LS, ENLS, ENbuck, ENLDO1, ENLDO2, ENLDO3, ENLDO45, REFBP, LDO2, LDO3, SCL, SDA, ENUSB, CB, NC1, NC2, NO1, NO2 to AGND .......................... -0.3V to (VBATT + 0.3V) LDO1, LDO4, LDO5 to AGND............
Description μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP

File Size 4,410.86K  /  51 Page

View it Online

Download Datasheet

    STBB1-33PUR STBB1-28PUR

STMICROELECTRONICS
Part No. STBB1-33PUR STBB1-28PUR
OCR Text buck-boost dc-dc converter features buck-boost dc-dc converter operating input voltage range from 2.0 v to 5.5 v 2% dc feedback voltage tolerance synchronous rectification shutdown function 1.5 mhz switching frequency power save mode...
Description DC-DC REG PWR SUPPLY MODULE

File Size 1,427.08K  /  21 Page

View it Online

Download Datasheet

    IS31LT3932

Integrated Silicon Solution, Inc
Integrated Silicon Solu...
Part No. IS31LT3932
OCR Text ...ch can operate in fly - back , buck - boost and buck convertor. for isolation fly - back, it can achieve high pf , high current accuracy , 5 % load and line regulation an d w ide voltage input voltage range , without loop c ...
Description High PF universal LED Driver

File Size 758.55K  /  12 Page

View it Online

Download Datasheet

    L6562 FN9012 ISL6562 ISL656062E ISL656062EVAL1 ISL6562CB ISL6562CB-T

http://
INTERSIL[Intersil Corporation]
Part No. L6562 FN9012 ISL6562 ISL656062E ISL656062EVAL1 ISL6562CB ISL6562CB-T
OCR Text buck PWM Controller The ISL6562 two-phase current mode, PWM control IC together with companion gate drivers, the HIP6601A, HIP6602A, HIP6603A or HIP6604 and MOSFETs provides a precision voltage regulation system for advanced microprocessor...
Description Microprocessor CORE Voltage Regulator Two-Phase buck PWM Controller
PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.05-1.825 Voltage, VRM 8.5

File Size 40.63K  /  5 Page

View it Online

Download Datasheet

For buck Found Datasheets File :: 9235    Search Time::2.266ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of buck

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.57614803314209