PART |
Description |
Maker |
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
DNLS320A-7 |
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR 2000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|
CXT3090L CXT3090L-15 |
SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR SURFACE MOUNT NPN SILICON POWER TRANSISTOR
|
Central Semiconductor Corp Central Semiconductor C...
|
DDTC114WCA DDTC114WCA-7 DDTC114YCA DDTC114YCA-7 DD |
50V; 100mA NPN PRE-biased small signal surface mount transistor NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES[Diodes Incorporated] Diodes, Inc.
|
DXT2222A-13 DXT2222A |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEEN, PLASTIC, SOT89-3L, 4 PIN NPN SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
2DD2678-13 2DD2678 2DD2678-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC, 4 PIN LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
CMPT3820 CMPT3820-15 |
SURFACE MOUNT VERY LOW VCE(SAT) NPN SILICON TRANSISTOR SURFACE MOUNT VERY LOW NPN SILICON TRANSISTOR
|
Central Semiconductor Corp Central Semiconductor C...
|
DDTD114GU-7-F DDTD133HU-7-F DDTD113EU DDTD113ZU DD |
Prebiased Transistors 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated Diodes Inc.
|
DDTC143EE DDTC124EE DDTC144EE DDTC123EE DDTC115EE |
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 20 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
2N2484CSM 2N2484ACSM |
60V Vce, 0.05A Ic NPN bipolar transistor 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
Electronic Theatre Controls, Inc. SEME-LAB[Seme LAB] SemeLAB
|
MMUN2211LT1G10 MMUN2215LT1G MMUN2211LT1G MMUN2212L |
Bias Resistor Transistor NPN Silicon Surface Mount Transistor
|
ON Semiconductor
|