PART |
Description |
Maker |
207 208 252 239 250 230 248 256 237 253 242 238 20 |
Low-Frequency Dual EconOscillator Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN Evaluation Kit for the MAX2251 5 Volt and 3.3 Volt MicroMonitor Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier 1-Wire Parasite-Power Digital Thermometer Econ-Digital Thermometer and Thermostat 3.3V EconoReset with Open Drain Output Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface Interface IC Pin Switch Drivers
|
New England Microwave Corp.
|
AM29SL160CB-100ED AM29SL160CT-100EC AM29SL160CT-10 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29SL800CT150WBIB |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
Advanced Micro Devices
|
AM29DL322D/323D/324D |
200V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTX2N6790 with Standard Packaging 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
|
Advanced Micro Devices
|
AT49BV2048 |
2-Megabit 3-volt Only Flash Memory(2M浣?3V???瀛???ī 2M bit. 2.7-Volt Read and 2.7-Volt Write. Byte-Write Flash. Bottom Boot
|
Atmel Corp.
|
AM49DL32XBGB70IT AM49DL322BGB70 AM49DL322BGT85 AM4 |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
AM29SL400DT90WAD AM29SL400DB100WAF AM29SL400DT90WA |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 90 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 100 ns, PBGA48
|
Spansion, Inc.
|
MN6577F MN6577H |
Low Power 10-Bit 3-Volt CMOS A/D Converters for Image Processing
|
PANASONIC[Panasonic Semiconductor]
|
AM29DL800BB120FI AM29DL800BB90SEB AM29DL800BT90SEB |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 1M X 8 FLASH 3V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只,同时作业快闪记忆
|
Advanced Micro Devices, Inc. http://
|
L640MB10PI L640MB10NI L640MB11PI L640MB12NI L640MB |
64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit3.0 Volt-only Boot Sector Flash Memory 4M X 16 FLASH 3V PROM, 90 ns, PBGA64 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit3.0 Volt-only Boot Sector Flash Memory 64兆位个M x 16八米× 8位)的MirrorBit.0伏,只引导扇区闪 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit3.0 Volt-only Boot Sector Flash Memory 4M X 16 FLASH 3V PROM, 90 ns, PBGA63 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit3.0 Volt-only Boot Sector Flash Memory 64兆位M x 16八米× 8位)MirrorBit.0伏,只引导扇区闪 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
29F020 AM29F002NBT-55 AM29F002B/AM29F002NB AM29F00 |
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory -20V Dual P-Channel HEXFET Power MOSFET in a LeadFree SO-8 -package; A IRF7404QPBF with Standard Packaging 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 2兆位56亩8位)的CMOS 5.0伏,只引导扇区闪
|
Advanced Micro Devices, Inc. http://
|