PART |
Description |
Maker |
SF10A400HPI SF10A400HPI-1 |
400V, 10A ULTRAFAST DUAL RECTIFIERS
|
KODENSHI KOREA CORP.
|
APT30D40BCT |
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 400V 2x30A ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
|
ADPOW[Advanced Power Technology] Advanced Power Technology Ltd.
|
SF8A400H |
400V, 8A ULTRAFAST RECOVERY RECTIFIERS
|
KODENSHI KOREA CORP.
|
FUF2005 FUF2007 FUF2006 FUF2004 FUF2003 FUF2002 FU |
50 V, 2 A glass passivated ultrafast recovery rectifier 100 V, 2 A glass passivated ultrafast recovery rectifier 200 V, 2 A glass passivated ultrafast recovery rectifier 400 V, 2 A glass passivated ultrafast recovery rectifier 800 V, 2 A glass passivated ultrafast recovery rectifier 1000 V, 2 A glass passivated ultrafast recovery rectifier 600 V, 2 A glass passivated ultrafast recovery rectifier RECTIFIER DIODE, DO-15 Ultrafast Recovery Rectifiers 超快恢复二极
|
Fagor International Rectifier, Corp. Vishay Intertechnology, Inc.
|
SF10A600H SF10A600H-1 |
600V, 10A ULTRAFAST RECOVERY RECTIFIERS 600V, 10A ULTRAFAST RECOVERY RECTIFIERS
|
KODENSHI KOREA CORP.
|
1S2G 1S4G |
Super Fast Recovery Pack: R-1 ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 400V CURRENT: 0.7A
|
Gulf Semiconductor
|
SSF5AG SSF5BG SSF5CG SSF5DG SSF5FG SSF5GG |
Super Fast Recovery Pack: DO-201AD ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 400V CURRENT: 5.0A
|
Gulf Semiconductor
|
IRGBC20SD2 |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=10A)
|
IRF[International Rectifier]
|
FFP04U40DN FFP04U40DNTU |
Ultrafast with soft recovery ULTRA FAST RECOVERY POWER RECTIFIER 4.0A/400V Ultra Fast Recovery Rectifier
|
Fairchild Semiconductor
|
STB10NA40 STB10NA40-1 STB10NA40T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 10A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 10A I(D) | TO-262VAR N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
|
STMICROELECTRONICS[STMicroelectronics]
|
UFB60FA40 |
400V 60A Ultrafast Doubler Diode in a SOT-227 package Insulated Ultrafast Rectifier Module
|
IRF[International Rectifier]
|
MJ10002 MJ10003 |
FLUSH LIGHT, YELLOW; Colour:Yellow; Height, above panel:11.5mm; IP rating:IP 66; Shock resistance:>30; Temp, op. max:70(degree C); Temp, op. min:-25(degree C) RoHS Compliant: NA POWER TRANSISTORS(10A/350-400V/150W) POWER TRANSISTORS(10A,350-400V,150W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|