PART |
Description |
Maker |
XC6367F512MR XC6367E512MR XC6367B512MR XC6367D512M |
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers PWM控制,PWM / PFM切换升压DC / DC控制
|
TOREX SEMICONDUCTOR LTD. Torex Semiconductor, Ltd.
|
UCP-3.3/15-D48S UCP-3.3/15-D24N UCP-3.3/15-D48N UC |
5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS 3 A, 900 kHz, monolithic synchronous step-down regulator 2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L 型DC - DC电压转换 Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
NCP1596AMNTWG NCP1596A |
1.5 A, 1.5 MHz Current Mode PWM Buck Down Converter
|
ON Semiconductor
|
MAX730 MAX730A MAX730ACPA MAX730ACSA MAX730AEPA MA |
5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 210 kHz SWITCHING FREQ-MAX, PDSO8 5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 212.5 kHz SWITCHING FREQ-MAX, PDSO16 Circular Connector; No. of Contacts:26; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-26 RoHS Compliant: No Replaced by SN54197 : 50/30/100-Mhz Presettable Decade OR Binary Counters/Latches 20-LCCC -55 to 125 5V / Step-Down / Current-Mode PWM DC-DC Converters 5V Step-Down Current-Mode PWM DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADP1612 |
(ADP1612 / ADP1613) 650 KHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converter
|
Analog Devices
|
SP6652EU-L/TR SP6652EU/TR SP6652ER-L/TR SP665207 S |
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
|
Sipex Corporation
|
STLUX285A STLUX285ATR |
Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
|
STMicroelectronics
|
MAX787 MAX789 MAX788 |
5V/3.3V/3V 5A Step-Down, PWM,
Switch-Mode DC-DC Regulators(5A,5V步降,PWM,开关型DC-DC变换
|
Maxim Integrated Products, Inc.
|
XC93011 XC9301 |
PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
|
Torex Semiconductor
|
XC6365A |
PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
|
Torex Semiconductor
|