Part Number Hot Search : 
F2812 ZK102 E006854 HPA17B FR3910 TDA3803A SC4004 TMP80C
Product Description
Full Text Search
  pwm pfm Datasheet PDF File

For pwm pfm Found Datasheets File :: 1116    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Fujitsu Microelectronics
Part No. MB89P985-pfm-101 MB89983 MB89983-XXX-pfm MB89983-XXX-PFV MB89P985-pfm-201 MB89P985PFV-201 MB89P985PFV-101 MB89PV980-201 MB89PV980-101
OCR Text ...smission output, buzzer output, pwm timers, and external interrupts. s FEATURES * * * * * * * * * * * * * * * * * * F2MC-8L family CPU core Dual-clock control system Maximum memory size: 8-Kbyte ROM, 256-byte RAM (max.) Minimum executio...
Description 8-bit Proprietary Microcontroller
F2MC-8L/Low Power/Low Voltage Microcontrollers

File Size 338.97K  /  52 Page

View it Online

Download Datasheet





    MB89P985-PFM-101 MB89P985-PFM-201 MB89P985PFV-101 MB89P985PFV-201 MB89PV980-101 MB89PV980-201 MB89983-XXX-PFM MB89983-XX

Fujitsu, Ltd.
Fujitsu Limited
Fujitsu Component Limited.
Part No. MB89P985-pfm-101 MB89P985-pfm-201 MB89P985PFV-101 MB89P985PFV-201 MB89PV980-101 MB89PV980-201 MB89983-XXX-pfm MB89983-XXX-PFV MB89P980
OCR Text ...smission output, buzzer output, pwm timers, and external interrupts. s FEATURES * * * * * * * * * * * * * * * * * * F2MC-8L family CPU core Dual-clock control system Maximum memory size: 8-Kbyte ROM, 256-byte RAM (max.) Minimum executio...
Description 8-bit Proprietary Microcontroller 8位微控制器专
Inductor; Inductance:33uH; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No

File Size 344.81K  /  52 Page

View it Online

Download Datasheet

    MB89P985-PFM-201 MB89P985PFM-201

Electronic Theatre Controls, Inc.
Infineon Technologies AG
Part No. MB89P985-pfm-201 MB89P985pfm-201
OCR Text ...atchdog timer. chapter 7 "8-bit pwm timer (pwm timer 1, pwm timer 2)" describes the functions and operation of the mb89980 series 8-bit pwm timer. chapter 8 "8/16-bit timer/counter" describes the functions and operation of the mb89980 serie...
Description 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP64 PLASTIC, QFP-64
8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP64 12 X 12 MM, 0.65 MM PITCH, PLASTIC, QFP-64

File Size 2,094.44K  /  426 Page

View it Online

Download Datasheet

    THV3056

THine Electronics, Inc.
Part No. THV3056
OCR Text ... ch-2 a nd ch-3(fixed buck) are pwm controllers. as to ch-2, the output of 1.2v is available because the reference voltage of ch-2 is 0.85v....pfm controller. built-in high voltage ldo and vcom buffer amplifier facilitate to design various pow...
Description 3ch Buck/Boost 2ch CP 1ch HVLDO 1ch LVLDO Controller

File Size 399.81K  /  32 Page

View it Online

Download Datasheet

    MAX887 MAX887HC_D MAX887HESA MAX887HC/D

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Maxim Integrated Products, Inc.
Part No. MAX887 MAX887HC_D MAX887HESA MAX887HC/D
OCR Text pwm DC-DC Converter ____________________________Features o 95% Efficiency o 600mA Output Current o Cycle-by-Cycle Current Limiting o Low-D...pfm Mode) Shutdown Supply Current Output Voltage Range Load Regulation Line Regulation pwm FB Feedba...
Description 100% Duty Cycle, Low-Noise, Step-Down, pwm DC-DC Converter
100% Duty Cycle, Low-Noise, Step-Down, pwm DC-DC Converter
100% Duty Cycle / Low-Noise / Step-Down / pwm DC-DC Converter
CAP,3.3uF,100VDC,20-% Tol,20 % Tol

File Size 144.50K  /  12 Page

View it Online

Download Datasheet

    SP6648 SP6648ER SP6648EU SP6648EU_TR SP6648ER_TR

SIPEX[Sipex Corporation]
Part No. SP6648 SP6648ER SP6648EU SP6648EU_TR SP6648ER_TR
OCR Text ...e high delivery associated with pwm control, and the low quiescent current and excellent light-load efficiency of pfm control. The SP6648 features 12A quiescent current, synchronous rectification, a 0.3 charging switch, anti-ringing inducto...
Description Ultra-low Quiescent Current, High Efficiency Boost Regulator

File Size 244.44K  /  16 Page

View it Online

Download Datasheet

    TEA1200TS TEA1200TS_1

PHILIPS[Philips Semiconductors]
Part No. TEA1200TS TEA1200TS_1
OCR Text ... high efficiency * Soft start * pwm-only operating option * Stand-alone low battery detector requires no additional supply voltage * Low bat...pfm), integrated CMOS power switches with a very low RDSon and fully synchronous rectification. The ...
Description 0.95 V starting DC-to-DC converter with low battery indicator
From old datasheet system

File Size 98.12K  /  24 Page

View it Online

Download Datasheet

    TEA1202 TEA1202TS

PHILIPS[Philips Semiconductors]
Part No. TEA1202 TEA1202TS
OCR Text ... high efficiency * Soft start * pwm-only operating option * Dropout voltage of 75 mV at 50 mA * Both LDOs are also applicable as low-ohmic p...pfm), integrated CMOS power switches with a very low RDSon and fully synchronous rectification. The ...
Description Battery power unit

File Size 114.38K  /  24 Page

View it Online

Download Datasheet

    TEA1206 TEA1206T

NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
Part No. TEA1206 TEA1206T
OCR Text ...ponse time from standby to Pmax pwm mode 475 9 - 560 13 25 645 20 - kHz MHz s - - - - - - - - - - - - - 75 2 - - - 0.14 0.16 - 86 93 93 93 9...pfm (discontinuous conduction) mode operation. In this mode, regulation information from earlier pwm...
Description High efficiency DC/DC converter(高效DC/DC变换

File Size 78.27K  /  16 Page

View it Online

Download Datasheet

For pwm pfm Found Datasheets File :: 1116    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pwm pfm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.63499116897583