PART |
Description |
Maker |
STM8AF6223 STM8AF6223PAU STM8AF6223PCU STM8AF6223P |
Automotive Standard low-power line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
ST Microelectronics
|
STM8AH5178 STM8AH6179 STM8AH6199 |
Automotive 8-bit MCU
|
STMicroelectronics
|
STM8AF6146 STM8AF6166 STM8AF6126 STM8AF6148 STM8AF |
Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
|
STMicroelectronics
|
ST7MDT2-DVP2 ST7MDT2-EPB2_EU ST7MDT2-EPB2_UK ST7MD |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
|
STMicroelectronics
|
UAA2067GB-S |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 收发器电路电
|
NXP Semiconductors N.V.
|
SPC560B54L3C6E0X SPC560B60L3C6E0X SPC560B60L3C6E0Y |
32-bit Power Architecture MCU for Automotive Body and Gateway Applications
|
ST Microelectronics
|
SPC560P54L5CEFAY SPC560P60L3CEFAY SPC560P60L5CEFAY |
32-bit Power Architecture MCU for Automotive Chassis and Safety Applications
|
ST Microelectronics
|
STM8AF62A6 STM8AF62A6UCY STM8AF62A8 STM8AF62A8TCX |
Automotive LIN line 8-bit MCU with 128 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive CAN and LIN line 8-bit MCU with 64 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive CAN and LIN line 8-bit MCU with 128 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 64 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive CAN and LIN line 8-bit MCU with 32 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 32 Kbytes Flash, 24 MHz CPU, integrated EEPROM
|
ST Microelectronics
|
STM8AF6248TCY STM8AF6266ITCY STM8AF6266TCY STM8AF6 |
Automotive LIN line 8-bit MCU with 16 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 32 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
ST Microelectronics
|
ST7FL15F1MATRE ST7L15 ST7L19 ST7FL15F1MAE ST7FL15F |
8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
|
STMICROELECTRONICS[STMicroelectronics]
|
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
|