PART |
Description |
Maker |
SS14-T1 SS14-T3 SS13-T1 SS13-T3 SS12 SS19-T3 S100- |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER CONTACTOR 600VAC 18AMP IEC OPTIONS (SS12 - SS19) 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER USB Type A - Horizontal Female PC Tail, selective gold tin
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
SD530S-T3 SD550S-T3 SD580S-T3 SD560S-T3 SD5100S-T3 |
CABLE ASSEMBLY; SMA MALE TO N FEMALE BULKHEAD; 18 GHz CABLE (SD520S - SD5100S) 5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
SS510 SS58 SS55 SS53 SS54 SS52C SS5200 SS56 |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Low reverse leakage
|
Chendahang Electronics Co., Ltd Chendahang Electronics ...
|
SK13-13-F SK15-13 SK12-13-F SK14-13 SK14-13-F SK12 |
DIODE SCHOTTKY 1A 30V SMB 1 A, 30 V, SILICON, SIGNAL DIODE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Diodes, Inc. Diodes Incorporated
|
SDM40E20L08 SDM40E20LA-7 SDM40E20LS-7-F SDM40E20LC |
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE DIODE SCHOTTKY 20V 300MW SOT23 0.4 A, 20 V, 2 ELEMENT, SILICON, SIGNAL DIODE DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
Diodes Incorporated Diodes Inc.
|
SPJ-63S SPB-G56S MPE-24H SPB-64S SPB-G34 SPB-G34S |
Schottky Barrier Diodes (Power Surface Mount) 30V / 40V / 60V Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 6 A, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 肖特基二极管(电源表面贴装)30V的,40V的,60V Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 5 A, 40 V, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 3 A, 40 V, SILICON, RECTIFIER DIODE
|
http:// Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
MBRS320T3 MBRS330 MBRS360 MBRS360T3 MBRS330T3 MBRS |
SCHOTTKY BARRIER RECTIFIERS 肖特 Surface Mount Schottky Power Rectifier
|
http:// ONSEMI[ON Semiconductor]
|
MPE-29G |
90V0A,Schottky Barrier Diodes(90V0A,肖特基势垒二极管) 20 A, SILICON, RECTIFIER DIODE Power Surface Mount 90V, 20A Schottky barrier diode in TO220S package
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
SB43-B SB44-B SB46-B |
Schottky Pack: SMB SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:30 TO 40V CURRENT: 4.0A
|
Gulf Semiconductor
|
SB22-A SB23-A SB24-A SB25-A SB26-A |
Schottky Pack: SMA SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
|
Gulf Semiconductor
|
SB12 SB13 SB14 SB15 SB16 |
Schottky Pack: SMA SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A
|
Gulf Semiconductor
|