PART |
Description |
Maker |
2SC4678 |
TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS) HIGH CHROMA OUTPUT APPLICATIONS, VIDEO OUTPUT STAGE IN HIGH RESOLUTION DISPLAY
|
TOSHIBA
|
AD8017ARZ-REEL AD8017ARZ |
Low Cost High Output Current High Output Voltage Line Driver
|
Analog Devices
|
FK10UM-12 |
Bench Power Supply; Output Current:28A; Calibrated:No; Features:Overload protection, high RFI stability, multiple DC output terminals, 1-yr. warranty, includes user manual; Line Regulation Constant Voltage: 2%, 5 mV HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
AUIRS2112S |
The AUIRS2112S is a high voltage, high speed power MOSFET and IGBT driver with independent high- and lowside referenced output channels.
|
International Rectifier
|
FK20UM-5 |
Bench Power Supply; Output Voltage:16V; Output Current:10A; Number of Outputs:1; Calibrated:No; Display Technology:LED; Output Current Max:10A; Output Current Min:0A; Output Voltage Max:16V; Output Voltage Min:0V Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors]
|
2SC4474 2SA1697 2SA1697E |
TRANSISTOR | BJT | PNP | 200V V(BR)CEO | 200MA I(C) | SOT-186 晶体管|晶体管|进步党| 200伏五(巴西)总裁| 200mA的一(c)|的SOT - 186 High-Definition CRT Display Video Output Applications High-Definition CRT Display, Video Output Applications High-Definition CRT Display/ Video Output Applications
|
NEC, Corp. SANYO[Sanyo Semicon Device]
|
FOD050LR2V FOD050LV FOD250LTV FOD250LS FOD250LV FO |
SO-8 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER SO-8 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V; Package: SOIC-W; No of Pins: 8; Container: Box 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER 8-Pin DIP 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V; Package: DIP-W; No of Pins: 8; Container: Bulk 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER FOD050L, FOD250L: Single Channel FOD053L: Dual Channel LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
GLDW34V03 GLDW34V03PSR-003-123 GLDW34V03PER-001-12 |
High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
|
GALAXY[Galaxy Power, Inc.]
|
NJU7044V NJU7044 NJU7044D NJU7044M |
Input/Output Full-Swing High Output Current Quad C-MOS Operational Amplifier
|
NJRC[New Japan Radio]
|
SFH636-X006 SFH636-X007 SFH636-X009 |
Optocoupler, High Speed Phototransistor Output, 1 Mbd, 10 kV/ms CMR, Split Collector Transistor Output
|
Vishay Siliconix
|
IR3623MPBF1 IR3623MTRPBF |
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
|
International Rectifier
|
2SD2553 E001200 |
From old datasheet system HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV HIGH SPEED SWITCHING APPLICATIONS NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|