PART |
Description |
Maker |
MS7202AL MS7201AL MS7200L MS7200-25FC MS7201-25FC |
25ns; 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 X 9 OTHER FIFO, 25 ns, PQCC32 25ns 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 x 9 CMOS FIFO 256 x 9, 512 x 9, 1K x 9 CMOS FIFO FIFO, Single, 256x9, Uni-directional, 5V Supply, Commercial, LDCC, 32-Pin
|
MOSEL-VITELIC Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp
|
MK45H02N MK45H03K MK45H02K12 MK45H01 MK45H11 MK45H |
VERY FAST CMOS 512/1K/2K x9BiPORT FIFO 很好快速CMOS 512/1K/2K x9BiPORT先进先出 Silver Mica Capacitor; Capacitance:3000pF; Capacitance Tolerance: /- 1%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
http:// STMicroelectronics N.V. 意法半导
|
IDT72V3634L10PF IDT72V3634L15PF8 |
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2 512 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP128
|
INTEGRATED DEVICE TECHNOLOGY INC
|
STK20C04 STK20C04-30 STK20C04-35 STK20C04-45 STK20 |
512 X 8 NON-VOLATILE SRAM, 30 ns, PDIP28 CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM 高性能的CMOS非易12 × 8非易失性静态RAM
|
List of Unclassifed Manufacturers ETC[ETC] SIMTEK Electronic Theatre Controls, Inc.
|
STK20C04 STK20C04-W25 STK20C04-W25I STK20C04-W35 S |
512 X 8 NON-VOLATILE SRAM, 35 ns, PDIP28 512 X 8 NON-VOLATILE SRAM, 45 ns, PDIP28 512 x 8 nvSRAM QuantumTrap⑩ CMOS Nonvolatile Static RAM 512 x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 512 X 8 NON-VOLATILE SRAM, 25 ns, PDIP28
|
Simtek Corporation
|
AM29F040B AM29F040B-70 29F040 AM29F040B-90PIB AM29 |
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 55 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 4兆位12亩8位)的CMOS 5.0伏只,统一部门快闪记忆 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 55 ns, PDSO32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 70 ns, PDSO32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 150 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 90 ns, PDSO32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 90 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Uniform Sector Flash Memory 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only/ Uniform Sector Flash Memory
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
PCF8594C-2T/02112 |
512 x 8-bit CMOS EEPROM with I2C-bus interface; Package: SOT96-1 (SO8); Container: Tube 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
NXP Semiconductors N.V.
|
IDT72125 IDT72125L25SO IDT72125L25TP IDT72125L50SO |
CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16 Current-Mode PWM Controller 14-SOIC -40 to 85 TRANS PNP HF 40VCEO 1.5A TO-126 Ultra-Fast Low-Power Precision Comparator 8-SOIC -40 to 85 1K X 16 OTHER FIFO, 25 ns, PDSO28
|
Integrated Device Technolog... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
INF8594E |
512 x 8-bit CMOS EEPROM with IIC-bus interface 512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
|
Integral Corp.
|
LH28F800SGH-L LH28F800SG-L |
Chip-on-Glass (COG) Technology, 16 Characters x 2 Lines 8 M位(512 KB的16)SmartVoltage闪存 8 M-bit (512 kB x 16) SmartVoltage Flash Memories 8 M位(512 KB的16)SmartVoltage闪存
|
Sharp Corporation Sharp, Corp.
|
HI3104A |
512*8 CMOS EEPROM
|
Hughes Microelectronics ETC List of Unclassifed Manufacturers
|