PART |
Description |
Maker |
0494481611 SD-49448-001 |
1.10mm (.043)/1.27mm (.050) Pitch microSD/SIM Card Combo Connector, 8-Pin microSD, Reverse MOLEX Connector
|
Molex Electronics Ltd.
|
0494481411 49448-1411 |
1.10mm (.043)/1.27mm (.050) Pitch microSD/SIM Card Combo Connector, 8-Pin microSD, Reverse MOLEX Connector
|
Molex Electronics Ltd.
|
0472192001 |
1.10mm (.043") Pitch microSD Card Connector, Hinge Type, Lead free
|
Molex Electronics Ltd.
|
0496191611 |
1.10mm/1.27mm Pitch microSD/SIM Card Combo Connector, 8-Pin microSD, Reverse Mount with Detect Switch, and 8-Pin SIM, Normal Mount, Right Entry Type
|
Molex Electronics Ltd.
|
HUF76419D3S HUF76419D3 FN4668 |
20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 20 A, 60 V, 0.043 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA From old datasheet system
|
Intersil, Corp. Intersil Corporation
|
DBCTB25-2 DBCTB25-3 DBCTB57-2 DBCTB57-3 |
TERMINAL BLOCKS 10mm PITCH 45 MOUNT
|
Dubilier
|
3022-07B AE-3022-7B |
2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437
|
Molex Electronics Ltd.
|
1-282816-0 1-282816-1 1-282816-2 1-282816-3 C-2828 |
TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 10mm PITCH
|
Tyco Electronics
|
0702871211 70287-1211 |
2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with RetentionPin, 34 Circuits, 6.10mm (.240) Mating Pin Length, 0.76μm (30μ) Gold (Au) Selective 2.54mm (.100") Pitch C-Grid垄莽 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 34 Circuits, 6.10mm (.240") Mating Pin Length, 0.76楼矛m (30楼矛") Gold (Au)
|
Molex Electronics Ltd.
|
|