PART |
Description |
Maker |
P20-0345R |
PITCH 2.5mm HEIGHT 4.2mm 3-POS POGO PIN CONNECTOR
|
Harwin Plc
|
87874-3001 0878743001 |
5.08mm (.200), 2.54mm (.100) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus Pa-S Header, Through Hole, Right Angle, Screw Mount
|
Molex Electronics Ltd.
|
0702871037 |
2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with Retention Pin, 78 Circuits, 6.10mm (.240) Mating Pin Length, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
0038000611 A-6410-5A-3 38-00-0611 |
2.54mm (.100) Pitch KK? Wire-to-Board Header, Vertical Square Pin, 5 Circuits, Circuit 3 Voided 2.54mm (.100") Pitch KK垄莽 Wire-to-Board Header, Vertical Square Pin, 5 Circuits, Circuit 3 Voided MOLEX Connector
|
Molex Electronics Ltd.
|
70287-1011 0702871011 |
2.54mm (.100") Pitch C-Grid庐 Header, Breakaway, Dual Row, Vertical, with Retention Pin, 26 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating 2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with Retention Pin, 26 Circuits, 6.10mm (.240) Mating Pin Length, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
22-28-8035 0022288035 42377-0318 |
2.54mm (.100") Pitch KK庐 Header, Breakaway, Right Angle Surface Mount Compatible, 3 Circuits, 0.76渭m (30渭") Gold (Au) Selective Plating, Mating Pin Length 8.23m 2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 3 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Mating Pin Length 8.23mm (.324)
|
Molex Electronics Ltd.
|
22-28-4033 A-42375-0038 |
2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, 3 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240) 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 3 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240)
|
Molex Electronics Ltd.
|
0022284303 22-28-4303 |
2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, 30 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240) 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 30 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240)
|
Molex Electronics Ltd.
|
0022285088 42375-0603 A-42375-0603 |
2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, 8 Circuits, 0.76渭m (30渭) Gold (Au) Selective Plating, Mating Pin Length 7.49mm (.295) 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 8 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Mating Pin Length 7.49mm (.295)
|
Molex Electronics Ltd.
|
22-28-4195 0022284195 |
2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, 19 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating, Mating Pin Length 7.49mm (.295) 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 19 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 7.49mm (.295)
|
Molex Electronics Ltd.
|
22-28-5026 0022285026 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 2 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240) 2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, 2 Circuits, 0.76渭m (30渭) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240)
|
Molex Electronics Ltd.
|
|