Part Number Hot Search : 
LPT672 CM1210CI EH680J03 00B0L C3082 DPL4519G F1144HT 0213630
Product Description
Full Text Search
  pogo Datasheet PDF File

For pogo Found Datasheets File :: 52    Search Time::1.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 |   

    0472450001

Molex Electronics Ltd.
Part No. 0472450001
OCR Text ...450001 status: active overview: pogo_pins description: 2.54mm (.100") pitch pogo pin connector, smt, vertical, with pick-and- place cap, 3 circuits, lead-free documents: 3d model product specification ps-4724...
Description 2.54mm (.100) Pitch pogo Pin Connector, SMT, Vertical, with Pick-and- Place Cap, 3 Circuits, Lead-free

File Size 77.76K  /  3 Page

View it Online

Download Datasheet





    47247-0001 47245-0001 47261-0001 47244-0001

Molex Electronics Ltd.
Part No. 47247-0001 47245-0001 47261-0001 47244-0001
OCR Text ...ntenna contact applications. pogo Pin 47244, 47245, 47247, 47261, 47282 Speaker, battery, vibrator and antenna contact applications are reducing in size due to miniaturization of these assembled applications. These applications demand...
Description pogo Pin

File Size 107.35K  /  2 Page

View it Online

Download Datasheet

    0471190001

Molex Electronics Ltd.
Part No. 0471190001
OCR Text ...190001 status: active overview: pogo_pins description: 4.00mm (.157") pitch pogo pin connector, smt, vertical, 4.00mm (.157") action height, 107g maximum contact force, contact 0.10m (4 ") gold platin...
Description 4.00mm (.157) Pitch pogo Pin Connector, SMT, Vertical, 4.00mm (.157) Action Height, 107g Maximum

File Size 90.12K  /  3 Page

View it Online

Download Datasheet

    PULSE ELECTRONICS CORP
Part No. PL8405
OCR Text pogo series ruggedized header with pogo pins for secure board mounting current rating : up to 23.8a dc frequency range: up to 1mhz electrical specifications @ 25c ? operating temperature - 55c to +130c pulse 4,5 inductance dcr (m )...
Description 2 ELEMENT, 2.1 uH, GENERAL PURPOSE INDUCTOR, SMD

File Size 56.24K  /  1 Page

View it Online

Download Datasheet

    6354

Pomona Electronics
Part No. 6354
OCR Text ...6275. model 6210 sharp point pogo - pin tip: spring loaded pogo - pin tip for constant probing pressure even if the probe is moved. gold plated pogo - pin has sharp pointed probe tip. self - cleaning tip pierces surfaces coatings m...
Description Replacement Tips For Test Probes

File Size 18.44K  /  1 Page

View it Online

Download Datasheet

    6475

Pomona Electronics
Part No. 6475
OCR Text ...oint micro tip ? gold plated pogo pin tip has .018? diameter tip with three sharp points ? sharp point digs into soft metals like solder for low resistance connections ? self-cleaning tip pierces surface coatings or contaminati...
Description Test Probe Tips For 060 Series Probes

File Size 27.94K  /  2 Page

View it Online

Download Datasheet

    317-2187-000 317-2187-001 317-2187-002 317-2187-003 317-2187-006 317-2187-007 MKJ

ITT Industries
Part No. 317-2187-000 317-2187-001 317-2187-002 317-2187-003 317-2187-006 317-2187-007 MKJ
OCR Text ... for which itt is world renown. pogo pin/pad technology . t ouch pad contacts increase ease of cleanability , highly desireable in harsh environments. split tine contact design provides proven reliability in harsh environments double start...
Description MKJ Series Connectors

File Size 5,097.98K  /  31 Page

View it Online

Download Datasheet

    0470380001

Molex Electronics Ltd.
Part No. 0470380001
OCR Text ...cription: 0470380001 Active pogo_pins 4.00mm (.157") Pitch pogo Speaker Connector, Height: 2.20mm (.087"), Overall 0.10m (4") Gold over 1.27m Nickel Plating, 2 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-47...
Description 4.00mm (.157) Pitch pogo Speaker Connector, Height: 2.20mm (.087), Overall 0.10um (4u) Gold over
MOLEX Connector

File Size 112.57K  /  3 Page

View it Online

Download Datasheet

    MKJBS-4-0-F MKJBC-4-0-F MKJBN-4-0-W MKJBS-4-0-W MKJBC-4-0-W MKJBS-6-0-F MKJBC-6-0-F MKJBC-6-0-W MKJBN-6-0-F MKJBN-6-0-W

ITT Industries
Part No. MKJBS-4-0-F MKJBC-4-0-F MKJBN-4-0-W MKJBS-4-0-W MKJBC-4-0-W MKJBS-6-0-F MKJBC-6-0-F MKJBC-6-0-W MKJBN-6-0-F MKJBN-6-0-W MKJBN-5-6-F MKJBC-5-6-F MKJBS-5-6-F 317-2187-002 317-2187-006 317-2187-000 317-2187-001 317-2187-007 MKJBC-2-0-F MKJBC-1-0-W MKJBC-1-6-F MKJBC-1-8-W MKJBC-2-0-W MKJBC-2-8-W MKJBC-3-8-F MKJBC-4-6-F MKJBC-4-8-F MKJBC-5-0-F MKJBC-1-0-F MKJBC-1-6-W MKJBC-2-6-W MKJBC-2-8-F MKJBC-3-6-F MKJBC-4-6-W MKJBC-2-6-F MKJBC-3-0-F MKJBC-3-8-W MKJBC-4-8-W MKJBC-5-0-W MKJBC-5-8-F MKJBC-5-6-W MKJ4A1F9-19P MKJBN-6-6-W MKJBN-6-8-W MKJBN-6-6-F MKJBN-6-8-F
OCR Text ...ckel crimp & straight pcb tails pogo pins and pads gold over nickel 24 - 32 awg 2 amps continuous 3 amps peak 15 mohm 50 vdc 500 volts 5,000 mohm 10,000 5 clocking positions: n, a, b, c and d yes ip67 b-16 nemesis high mating commercial sna...
Description Selector Guide

File Size 3,487.85K  /  66 Page

View it Online

Download Datasheet

    0473410041

Molex Electronics Ltd.
Part No. 0473410041
OCR Text ...cription: 0473410041 Active pogo_pins 4.00mm (.157") Pitch pogo Speaker Connector, Height: 2.60mm (.102"), Contact Pin: 1.0m (40") Gold (Au) over 3-5m Nickel Plating, 2 Circuits Documents: 3D Model Drawing (PDF) Product Specificat...
Description 4.00mm (.157) Pitch pogo Speaker Connector, Height: 2.60mm (.102), Contact Pin: 1.0μm (40μ) Gold (Au) over 3-5μm Nickel Plating, 2 Circuits
MOLEX Connector

File Size 104.09K  /  3 Page

View it Online

Download Datasheet

For pogo Found Datasheets File :: 52    Search Time::1.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pogo

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.5854868888855