PART |
Description |
Maker |
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
LXR1240-6M1 LXR1701-6 LXR1740-6M1 LXN1240-6M1 LXR- |
460 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(16.9A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(12.6A) AC/DC converter 460 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(8.4A) AC/DC converter 375 and 500 Watt AC-DC Converters 37500瓦AC - DC转换 375 Watt, input voltage range:85-264/90-350V, output voltage 49.4V,(7.5A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(6.3A) AC/DC converter
|
Vishay Intertechnology, Inc. POWER-ONE[Power-One] http://
|
BU426 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 20 Watts HIGH VOLTAGE POWER SWITCH
|
意法半导 ST Microelectronics STMicroelectronics
|
BT148-600R BT148 BT148-400R BT148-500R |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 12V; 2:1 Wide Input Voltage Range; 10 Watts Thyristors logic level
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
AD5530BRU AD5531BRU AD5531 AD5530 |
Serial Input, ±10 V Output Voltage Range, 14-Bit DAC Serial Input, ±10 V Output Voltage Range, 12-Bit DAC Serial Input, 0 V Output Voltage Range, 12-Bit DAC Serial Input, 0 V Output Voltage Range, 14-Bit DAC Serial Input/ Voltage Output 12-/14-Bit DACs Serial Input, Voltage Output 12-/14-Bit DACs 串行输入,电压输出数模转换器12-/14-Bit
|
AD[Analog Devices] Analog Devices, Inc.
|
BYD47 BYD47-18 BYD47-20 BYD47-16 BYD47_SERIES_3 BY |
From old datasheet system RP40 (GW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 12V; 4:1 Wide Input Voltage Range; 40 Watts 800 mA standalone linear Li-Ion battery charger with thermal regulation 快速软恢复控制雪崩整流 Fast soft-recovery controlled avalanche rectifiers 0.34 A, 1600 V, SILICON, SIGNAL DIODE
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V. Fairchild Semiconductor, Corp.
|
R1154N103B R1154N043B R1154N069B H093B |
150mA Voltage Regulator (Wide Input Voltage Range) 150mA的稳压器(宽输入电压范围
|
Ricoh Co., Ltd.
|
LWR2880-6 |
250 Watt, input voltage range:85-264/90-350V, output voltage 49.4V,(2.5A) AC/DC converter
|
Power-One
|
TLE4242G07 |
Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
|
Infineon Technologies AG
|
R1500H110B-T1-FE |
Input Voltage Range 4.0V to 24.0V
|
RICOH electronics devic...
|
LI120-10B48 |
Wide input voltage range
|
MORNSUN Science& Techno...
|