PART |
Description |
Maker |
SDA5250M SDA5254 SDA5251 SDA5252 SDA5255 |
TVText ROMless version TVText ROM version
|
Infineon
|
74062-2594 |
2.00mm (.079) Pitch VHDM? Board-to-Board Backplane Header, Vertical, 8-RowGuide Pin Signal Module, Shield End Version, Pin End Version, 200 Circuits, Pin
|
Molex Electronics Ltd.
|
74062-2513 0740622513 |
2.00mm (.079) Pitch VHDM? Board-to-Board Backplane Header, Vertical, 8-Row,Guide Pin Signal Module, Shield End Version, Pin End Version, 200 Circuits, Pin
|
Molex Electronics Ltd.
|
0740621013 |
2.00mm (.079) Pitch VHDM? Board-to-Board Backplane Header, Vertical, 8-RowGuide Pin Signal Module, Shield End Version, Pin End Version, 80 Circuits, Pin Length MOLEX Connector
|
Molex Electronics Ltd.
|
UPD703100AGJ-33-UEN UPD703100GJ-33-UEN UPD703101AG |
ROM-less version; Internal RAM: 4K bytes Mask ROM version; Mask ROM: 96K bytes; Internal RAM: 4K bytes Mask ROM version; Mask ROM: 128K bytes; Internal RAM: 4K bytes Flash version; Internal flash: 128K bytes; Internal RAM: 4K bytes 32-bit RISC microcontroller (V850E/MS2:ROMless,Internal RAM: 4 KB)
|
NEC
|
KM48L16031BT-GF0 KM48L16031BT-GFY KM48L16031BT-GFZ |
128 Mb DDR SDRAM. Version 0.61, Operating freq. 100 MHz, speed 10ns. DDR SDRAM Specification Version 0.61 128Mb DDR SDRAM 128 Mb DDR SDRAM. Version 0.61, Operating freq. 133 MHz, speed 7.5 ns.
|
SAMSUNG[Samsung semiconductor] Samsung Electronic
|
MCF53017CMJ240J MCF53010CQT240 MCF53011CQT240 MCF5 |
Version 3 ColdFire? core with EMAC Version 3 ColdFire垄莽 core with EMAC
|
Freescale Semiconductor, Inc
|
74059-1003 0740591003 |
2.00mm (.079") Pitch VHDM庐 Board-to-Board Backplane Header, Vertical, 6-RowGuide Pin Signal Module, Shield End Version, Pin End Version, 60 Circuits, Pin Length 2.00mm (.079) Pitch VHDM? Board-to-Board Backplane Header, Vertical, 6-RowGuide Pin Signal Module, Shield End Version, Pin End Version, 60 Circuits, Pin Length
|
Molex Electronics Ltd.
|
BUK207-50Y BUK207-50Y1 |
TOPFET high side switch SMD version of BUK203-50X(BUK200-50X的SMD版本TOPFET高边开 TOPFET高边开关贴片版本BUK203 - 50倍(BUK200 - 50倍的表面贴装版本TOPFET高边开关) TOPFET high side switch SMD version of BUK203-50Y
|
NXP Semiconductors N.V. Philips Semiconductors
|
BL0952 |
BL0952 / CN Version
|
Shanghai Belling
|
JAG84P2 Q28.0-JAG84P2-12-30 Q28.0-JAG84P2-12-50 |
2 Pad Version
|
Jauch Quartz Gmbh
|