Part Number Hot Search : 
GM71V BC401 KTB1366 SJB1449 21PT2325 ON0323 60B224C 302MR
Product Description
Full Text Search
  tc642 Datasheet PDF File

For tc642 Found Datasheets File :: 7    Search Time::2.281ms    
Page :: | <1> |   

    TC642 TC642DEMO TC642EV TC642COA TC642VOA TC642VUA TC642CPA TC642CUA TC642EOA TC642EPA TC642EUA TC642VPA

MICROCHIP[Microchip Technology]
Part No. tc642 tc642DEMO tc642EV tc642COA tc642VOA tc642VUA tc642CPA tc642CUA tc642EOA tc642EPA tc642EUA tc642VPA
OCR Text ...e: - Fan Voltage Independent of tc642 Supply Voltage - Supports any Fan Voltage * FanSenseTM Fault Detection Circuits Protect Against Fan Failure and Aid System Testing * Shutdown Mode for "Green" Systems * Supports Low Cost NTC/PTC Thermis...
Description The tc642 is a switch mode fan speed controller for use with brushless DC motors. Temperature proportional speed control is accomplished using pulse width modulation. A thermistor (or other voltage output temperature sensor) connected to t
PWM Fan Speed Controller with FanSense Technology
PWM Fan Speed Controller with FanSense⑩ Technology

File Size 379.54K  /  28 Page

View it Online

Download Datasheet





    Microchip
Part No. tc642B TC646B TC649B TC648B TC647B
OCR Text ... to as tc64x in this document: ?tc642 ?tc646 ?tc647 ?tc648 ?tc649 these devices will be referred to as tc64xb in this document: ?tc642b ?tc646b ?tc647b ?tc648b ?tc649b a versatile sensor input and output driver circuitry allows the fan cont...
Description The tc642B is a new version of the existing tc642 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul
The TC646B is a new version of the existing TC646 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul
The TC649B is a new version of the existing TC649 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul
The TC648B is a new version of the existing TC648 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul
The TC647B is a new version of the existing TC647 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul

File Size 220.27K  /  14 Page

View it Online

Download Datasheet

    TC642VOA

Microchip Technology
Part No. tc642VOA
OCR Text tc642 features ? temperature proportional fan speed for acoustic control and longer fan life ? efficient pwm fan drive ? 3.0v to 5.5v supply range: - fan voltage independent of tc642 supply voltage - supports any fan voltage ? fansense? ...
Description PWM Fan Speed Controller with FanSense Technology

File Size 385.09K  /  28 Page

View it Online

Download Datasheet

    Microchip
Part No. MCP1601T-I/MS MCP1601-I/MS
OCR Text ...s evaluation and demonstration* tc642 demo board fan control module for tc64x devices tc642 evaluation kit evaluation kit for tc64x fan controllers tc650 demo board demo board for tc650/tc651 fan control ics tc652 demo board demo board for ...
Description The MCP1601 is a synchronous Buck (step-down) switching regulator that can continuously supply 500mA of load current. This DC/DC ...

File Size 83.41K  /  2 Page

View it Online

Download Datasheet

    Microchip
Part No. TCN75 TC74 TC77
OCR Text ...t evaluation and demonstration* tc642 demo board fan control module for tc64x devices tc642 evaluation kit evaluation kit for tc64x fan controllers tc650 demo board demo board for tc650/tc651 fan control ics tc652 demo board demo board for ...
Description The TCN75 is a serially programmable temperature sensor that notifies the host controller when ambient temperature exceeds a user-programmed setpoint. Hysteresis is also programmable. The INT/CMPTR output is programmable as either a simple
The TC74 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available as an 8-bit digita
The TC77 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available at anytime as a 13

File Size 72.66K  /  2 Page

View it Online

Download Datasheet

    TC642BEPA713 TC647BEPA713 TC642BEPATR TC647BEOA713 TC647BEOATR TC647BEPATR TC647BEUA713 TC642BEOA713 TC642BEOATR TC642BE

Microchip Technology
Part No. tc642BEPA713 TC647BEPA713 tc642BEPATR TC647BEOA713 TC647BEOATR TC647BEPATR TC647BEUA713 tc642BEOA713 tc642BEOATR tc642BEUA713 TC647BEUATR
OCR Text tc642/TC647 fan speed controllers. These devices are switch mode, fan speed controllers that incorporate a new fan auto-restart function. Temperature-proportional speed control is accomplished using pulse width modulation. A thermistor (or ...
Description PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense Technology for Fault Detection

File Size 557.89K  /  34 Page

View it Online

Download Datasheet

    MICROCHIP[Microchip Technology]
Part No. TC647BEUATR tc642B tc642BEOA713 tc642BEOATR tc642BEPA713 tc642BEPATR tc642BEUA713 tc642BEUATR TC647B TC647BEOA713 TC647BEOATR TC647BEPA713 TC647BEPATR TC647BEUA713
OCR Text tc642/TC647 fan speed controllers. These devices are switch mode, fan speed controllers that incorporate a new fan auto-restart function. Temperature-proportional speed control is accomplished using pulse width modulation. A thermistor (or ...
Description PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense⑩ Technology for Fault Detection

File Size 549.56K  /  34 Page

View it Online

Download Datasheet

For tc642 Found Datasheets File :: 7    Search Time::2.281ms    
Page :: | <1> |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of tc642

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0453391075134