PART |
Description |
Maker |
MT3332 |
high-performance single-chip GPS solution
|
MediaTek, Inc.
|
ATR0635 |
ANTARIS4 Single-chip GPS Receiver SuperSense ANTARIS4单芯片GPS接收机的SuperSense
|
Atmel Corp. Atmel, Corp.
|
CXD2931GA-9 CXD2931R-9 CXD2931R-9/GA-9 |
1 chip GPS LSI
|
Sony Corporation
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
H2U1631S1A0100 |
10 x 3.2 x 3.9 GPS Chip Antenna (AA064)
|
Unictron Technologies Corporation
|
GSP2E_LP |
Low Power GPS Chip Set
|
SiRF Technology
|
1575AT54A0010 |
1.575 GHz Multilayer GPS Chip Antenna
|
Johanson Technology Inc.
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
LF-FSLF-S090JG-0406A FSLF-S090JG |
2012 Size Chip Multilayer Diplexer for CELL / GPS
|
HITACHI-METALS[Hitachi Metals, Ltd]
|
STA2056V STA2056 |
REAL ONE CHIP SOLUTION FOR BOTH AUTONOMOUS AND HOST BASED GPS APPLICATION
|
ST Microelectronics STMicroelectronics
|