Part Number Hot Search : 
T810J MC3479 T3001 101M35 HPI6FER2 MAX32 TIP36CA AX1006
Product Description
Full Text Search
  48-channel Datasheet PDF File

For 48-channel Found Datasheets File :: 37031    Search Time::3.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ACTF45-48 ACTF45-48_44.25-48.24_W2 ACTF45-48/44.25-48.24/W2

Advanced Crystal Technology
Part No. ACTF45-48 ACTF45-48_44.25-48.24_W2 ACTF45-48/44.25-48.24/W2
OCR Text ...tics of the SAW Duplexer ACTF45-48/44.25-48.24/W2 used for cordless telephones. 2. Package 3. Characteristics Standard atmospheric co...channel 46: Reference temperature: TA=25C Source impedance: ZS=50 Load impedance: ZL=50 Item Freq No...
Description the characteristics of the SAW Duplexer

File Size 185.87K  /  6 Page

View it Online

Download Datasheet





    LND056-48

Linear Dimensions Semiconductor
Part No. LND056-48
OCR Text ...80 v output voltage range ? 48 input channels : ? 50v/v gain ? 2:1 mux to each output ? 0.03% output accuracy ? on boa...channel ? minimum of external components ? 6x6 mm, 169 bump, 0.4mm pitch bga features ...
Description 180V, 96 Channel MEMs Driver with DC/DC & Energy Savings Subsystem

File Size 335.66K  /  2 Page

View it Online

Download Datasheet

    48-20PU

ATMEL Corporation
Part No. 48-20PU
OCR Text ...cillator - Six PWM Channels - 8-channel 10-bit ADC in TQFP and QFN/MLF package - 6-channel 10-bit ADC in PDIP Package - Programmable Serial USART - Master/Slave SPI Serial Interface - Byte-oriented 2-wire Serial Interface (Philips I2C compa...
Description 8-bit Microcontroller

File Size 4,804.53K  /  376 Page

View it Online

Download Datasheet

    CMS2-5.6-3-4.8-4S2 CMS2-5.6-3-8.9-4S2

FERYSTER Inductive Components Manufacturer
Part No. CMS2-5.6-3-4.8-4S2 CMS2-5.6-3-8.9-4S2
OCR Text ...-11/3/4.8; mass 0.6 g 4S2 inner channel 4S2 outer channel 12 23 42 15 30 50 25 100 300 25 100 300 CMS4-11/3/4.8-4S2 "IEC 60068-2-58", Part 2, Test Ta, method 1 "IEC 60286-3" , "EIA 481-1-A" and "EIA 481-2" CMS4-11/3/8.9; mass 1.1 g Gr...
Description SMD common mode chokes

File Size 63.71K  /  9 Page

View it Online

Download Datasheet

    CMS4-11-3-4.8-4S2 CMS4-11-3-8.9-4S2

FERYSTER Inductive Components Manufacturer
Part No. CMS4-11-3-4.8-4S2 CMS4-11-3-8.9-4S2
OCR Text ...-11/3/4.8; mass 0.6 g 4S2 inner channel 4S2 outer channel 12 23 42 15 30 50 25 100 300 25 100 300 CMS4-11/3/4.8-4S2 "IEC 60068-2-58", Part 2, Test Ta, method 1 "IEC 60286-3" , "EIA 481-1-A" and "EIA 481-2" CMS4-11/3/8.9; mass 1.1 g Gr...
Description SMD common mode chokes

File Size 64.66K  /  9 Page

View it Online

Download Datasheet

    TRIQUINT[TriQuint Semiconductor]
Part No. TGF2022-48
OCR Text 48 Key Features and Performance Frequency Range: DC - 20 GHz > 37 dBm Nominal Psat 58% Maximum PAE 45 dBm Nominal OIP3 13 dB Nominal Pow...Channel Temperature Mounting Temperature (30 Seconds) Storage Temperature Notes 2/ V+ | IG...
Description DC - 20 GHz Discrete power pHEMT

File Size 137.79K  /  8 Page

View it Online

Download Datasheet

    TriQuint Semiconductor, Inc.
Part No. TGF2022-48
OCR Text ...hemt tgf2022-48 key features and performance ? frequency range: dc - 20 ghz ? > 37 dbm nominal psat ? 58% maximum...channel temperature 150 c 4/ t m mounting temperature (30 seconds) 320 c t stg storage temperatu...
Description
File Size 119.42K  /  8 Page

View it Online

Download Datasheet

    USB-DIO-48 USB-DIO-96

Advanced Digital Logic, Inc.
Part No. USB-DIO-48 USB-DIO-96
OCR Text 48 Digital I/O's FEATURES * * * * * * * * * * * * * * * 96 or 48 lines of digital I/O High retention type B USB connector Mini USB head...channel digital I/O port on a 50 pin connector. To make use of the miniature embedded USB header con...
Description 96 High-Speed Digital I/O’s in rugged enclosure
96 High-Speed Digital I/O隆炉s in rugged enclosure

File Size 251.61K  /  3 Page

View it Online

Download Datasheet

    MAX1587CETL MAX1586CETM MAX1587A MAX1586A08

Maxim Integrated Products
Part No. MAX1587CETL MAX1586CETM MAX1587A MAX1586A08
OCR Text ...mm x 6mm, 40-Pin and 7mm x 7mm, 48-Pin Thin QFN Packages MAX1586A/MAX1586B/MAX1586C/MAX1587A/MAX1587C The MAX1586/MAX1587 power-manage...Channel On-Resistance n-Channel On-Resistance Current-Sense Transresistance p-Channel Current-Limit ...
Description High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones

File Size 479.60K  /  30 Page

View it Online

Download Datasheet

For 48-channel Found Datasheets File :: 37031    Search Time::3.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 48-channel

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.2373380661011