PART |
Description |
Maker |
MF-NSMF020 MF-NSMF200 MF-NSMF012-2 MF-NSMF035 MF-N |
MF-NSMF Series - PTC Resettable Fuses RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, SURFACE MOUNT
|
Bourns Inc. Bourns, Inc.
|
MF-NSMF150 MF-NSMF012 MF-NSMF110 MF-NSMF050 MF-NSM |
MF-NSMF Series - PTC Resettable Fuses 中频- NSMF系列- PTC自复保险
|
BOURNS Electronic Theatre Controls, Inc.
|
MF-SMHT160 MF-SMHT136 |
MF-SMHT Series - PTC Resettable Fuses MF-SMHT Series - PTC Resettable Fuses
|
Bourns Electronic Solutions
|
AT49LV010 AT49LV010- AT49LV010-12TI AT49LV010-12TC |
RESISTOR, PTC, CAP CHARGE, 650VDC; Series:B5920; Thermistor type:PTC; Resistance:56R; Tolerance, resistance: /-30%; Temp, op. max: 125(degree C); Voltage, operating:650V; Case style:Radial; Depth, external:12.5mm; Diameter, RoHS Compliant: Yes THERMISTOR, PTC; Series:B59155; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes THERMISTOR, PTC; Series:B591; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes 1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 LM431 Adjustable Precision Zener Shunt Regulator; Package: TO-92; No of Pins: 3 128K X 8 FLASH 2.7V PROM, 150 ns, PDSO32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
FRG300-16 FRG900-16 FRG1000-16 FRG1100-16 FRG1200- |
Radial Leaded PTC FRG Series
|
DBLECTRO[DB Lectro Inc]
|
FUSB110 FUSB185 FUSB075 FUSB090 FUSB120 FUSB135 FU |
Radial Leaded PTC FUSB Series
|
DBLECTRO[DB Lectro Inc]
|
MF-SMDF050-2 MF-SMDF100-2 MF-SMDF200-2 |
MF-SMDF Series - PTC Resettable Fuses
|
Bourns Inc.
|
BCW60B BCW60D BCW60 BCW60C BCW60_3 BCW60B/T1 BCW60 |
From old datasheet system NPN GENERAL PURPOSE TRANSISTORS PTC Resettable Fuse; Series:1206L; Thermistor Type:PTC; Operating Voltage Max:24VDC; Holding Current:200mA; Tripping Current:420mA; External Depth:1mm; Length:3.5mm; Initial Resistance Min:0.65ohm; Initial Resistance Max:1.55ohm HDW,FUSEHOLDER,SMT
|
NXP Semiconductors Philips Semiconductors
|
MF-VS190NSLU-2 MF-VS190NSLU-0 MF-VS200NSLU-2 MF-VS |
Narrow Body Series - PTC Resettable Fuses
|
Bourns Inc.
|
CMF-RLC50-10-0 |
Ceramic PTC RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, 50 ohm, THROUGH HOLE MOUNT
|
Bourns, Inc.
|
0ZRA0800FF1A |
PTC Resettable Devices, 8A 16V RADIAL BULK RESISTOR, TEMPERATURE DEPENDENT, PTC, THROUGH HOLE MOUNT
|
Honeywell International, Inc.
|
2016L030 2016L03011 2016L050 2016L100 |
The 2016L Series PTC provides surface mount overcurrent High voltage
|
Littelfuse
|