PART |
Description |
Maker |
2EZ11D5 2EZ14D5 2EZ150D5 2EZ16D5 2EZ17D5 2EZ180D5 |
SILICON ZENER DIODES CABLE RISER SHIELD 6COND 22AWG CAP 3.3UF 50V 10% X7R AXIAL BULK S-MIL-PRF-39014 8 Character x 1 Line, 5 x 11 Dot Matrix Character surface mount silicon Zener diodes 33 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 30 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 36 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 16 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 20 characters x 2 Lines, 5x7 Dot Matric Character and Cursor 39 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 13 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 43 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 CONN EDGE CARD DUAL .8MM 40POS 17 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 27 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 120 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
EIC discrete Semiconduc... http:// EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited EIC SEMICONDUCTOR INC
|
NTE2407 |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Silicon PNP Transistor General Purpose Amp, Surface Mount (Compl to NTE2406)
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
CXT2907A |
SURFACE MOUNT PNP SILICON TRANSISTOR
|
Central Semiconductor C...
|
CMPT591E CMPT591 |
SURFACE MOUNT PNP SILICON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
CMLT591E-15 |
SURFACE MOUNT SILICON PNP TRANSISTOR
|
Central Semiconductor C...
|
BCX52 BCX51 BCX53 |
SURFACE MOUNT PNP SILICON TRANSISTOR SURFACE MOUNT PNP SILICON TRANSISTOR
|
Central Semiconductor Corp
|
CXT2907A |
SURFACE MOUNT PNP SILICON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
CMST5086 CMST508610 CMST5087 CMST5086-15 |
SURFACE MOUNT PNP SILICON TRANSISTOR
|
Central Semiconductor Corp Central Semiconductor C...
|
CMST2907A10 |
SURFACE MOUNT PNP SILICON TRANSISTOR
|
Central Semiconductor Corp
|
BC857B BC858B BC856A |
SURFACE MOUNT PNP SILICON TRANSISTOR
|
Central Semiconductor C...
|
BC857BT BC856AT BC856T |
SURFACE MOUNT PNP SILICON TRANSISTOR
|
Central Semiconductor Corp Central Semiconductor C...
|
PZT751T1 ON2781 PZT751T1_D PZT751T3 |
2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-261AA SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT From old datasheet system
|
MOTOROLA INC ON Semi MOTOROLA[Motorola, Inc]
|