PART |
Description |
Maker |
CS42406 CS42406-CQZ |
24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
|
CIRRUS[Cirrus Logic]
|
CS4265-CNZR CS4265-DNZR |
CODECs - Audio IC 24-bit 192kHz Str Cdc w/PGA &Inpt Mux SPECIALTY CONSUMER CIRCUIT, QCC32 104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
|
Cirrus Logic, Inc.
|
WM8778_05 WM8778 WM8778SEDS WM8778SEDS_R |
24-bit, 192kHz Stereo CODEC
|
WOLFSON[Wolfson Microelectronics plc]
|
WM8595 |
24-bit 192kHz 2Vrms Multi-Channel CODEC
|
Wolfson Microelectronic...
|
WM8770SIFT WM8770SIFV WM8770 |
24-bit, 192kHz 8-Channel Codec with Volume Control
|
WOLFSON[Wolfson Microelectronics plc]
|
WM8569 WM8569GEDS_RV WM8569GEDS_V WM8569GEDS WM856 |
24-bit, 192kHz Stereo CODEC with Volume Control
|
WOLFSON[Wolfson Microelectronics plc]
|
WM8776SEFT_RV WM8776_05 WM8776 WM8776SEFT_V |
24-bit, 192kHz Stereo CODEC with 5 Channel I/P Multiplexer
|
WOLFSON[Wolfson Microelectronics plc]
|
SLD323V-3 SLD323V SLD323V-1 SLD323V-2 SLD323V-21 S |
Audio CODEC IC; IC Function:Audio CODEC IC; Package/Case:24-TSSOP; IC Generic Number:4270; Leaded Process Compatible:No; Number of Bits:24; Number of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C 1W的高功率密度激光二极管 Stereo CODEC IC; IC Function:Stereo CODEC IC; Package/Case:28-TSSOP; Leaded Process Compatible:No; Operating Temp. Max:-40 C; Operating Temp. Min:85 C; Peak Reflow Compatible (260 C):No; Supply Voltage:3.1V RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:24-TSSOP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:64-LQFP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:6; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 24BIT CODEC AUDIO, 4271, TSSOP28; Resolution, Bits:24bit; Sample Rate:192kHz; DACs, No. of:2; Interface Type:Serial; Output Type:Differential; Voltage, Supply Min:2.37V; Voltage, Supply Max:5.25V; Termination Type:SMD; A/D Converter (A-D) IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No High Power Density 1W Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|
AK4356VQ AK4356 AKD4356 |
192kHz 24Bit Six-Channel DAC for DVD-Audio 192KHZ 24 BIT IX-CHANNEL DAC FOR DVD-AUDIO
|
AKM[Asahi Kasei Microsystems]
|
CS4215-KL CS4215-KQ |
16-Bit Multimedia Audio Codec 16-Bit Multimedia Audio Codec SPECIALTY CONSUMER CIRCUIT, PQCC44 16-Bit Multimedia Audio Codec SPECIALTY CONSUMER CIRCUIT, PQFP100
|
CIRRUS LOGIC INC Cirrus Logic, Inc.
|
AV2636 |
24-bit 192kHz Stereo Audio DAC
|
List of Unclassifed Manufacturers N.A. ETC[ETC]
|