PART |
Description |
Maker |
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
UN6123 UNR6123 UN6124 UNR6124 UN6122 UNR6122 UN612 |
TRANSISTOR | 50V V(BR)CEO | 500MA I(C) | SC-71VAR UNR612X Series (UN612X Series) - PNP Transistors with built-in Resistor
|
Matsshita / Panasonic
|
L768406 L6605 L6604 L7684 L7685 |
60 W XENON FLASH LAMP SERIES BUILT-IN REFLECTIVE MIRROR
|
Hamamatsu Corporation
|
FN4A3Q FN4L4K |
RESISTOR BUILT-IN TYPE PNP TRANSISTOR B Series/ Male Solder
|
NEC Corp.
|
BRA144ECM BRA114 BRA114ECM BRA123 BRA123ECM BRA124 |
PNP Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
|
HITACHI[Hitachi Semiconductor]
|
7MBR20SC060 |
PIM/Built-in converter with thyristor and brake (S series) 600V / 20A / PIM
|
N.A. FUJI[Fuji Electric]
|
7MBR35SD120 |
PIM/Built-in converter with thyristor and brake (S series) 1200V / 35A / PIM
|
FUJI[Fuji Electric]
|
7MBR50SC060 |
PIM/Built-in converter with thyristor and brake (S series)600V / 50A / PIM
|
List of Unclassifed Manufacturers
|
DTC123JKAT146 DTC123JUB DTC123JETL |
DTC123J series NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
|
Rohm
|
UN2226 0687 UNR2226UN2226 |
UNR2226 (UN2226) - NPN Transistor with built-in Resistor From old datasheet system Transistors with built-in Resistor
|
Matsshita / Panasonic
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
UPA826TC UPA826TC-T1 |
RAC15-TB(-E)(-ST) Series - Powerline Regulated AC-DC Converters; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 15V; Features: Compact AC-DC Power NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5010 FLAT-LEAD 6-PIN THIN -TYPE ULTRA SUPER MINIMOLD
|
NEC Corp.
|