PART |
Description |
Maker |
EN29F040A-70TI EN29F040A-70TC EN29F040A-70TCP EN29 |
4 Megabit (512K x 8-bit) Flash Memory 4兆位(为512k × 8位)闪存 Dual D-Type Positive Edge-Triggered Flip-Flop; Package: DIP; No of Pins: 14; Container: Rail Dual D-Type Positive Edge-Triggered Flip-Flop; Package: TSSOP; No of Pins: 14; Container: Tape & Reel Dual D-Type Positive Edge-Triggered Flip-Flop; Package: TSSOP; No of Pins: 14; Container: Rail 4 Megabit (512K x 8-bit) Flash Memory
|
Electronic Theatre Controls, Inc. Eon Silicon Solution Inc. Eon Silicon Solution In...
|
IDT74ALVCH16374 74ALVCH16374_DS_29280 IDT74ALVC74H |
3.3V CMOS 16-BIT EDGETRIGGERED D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system 3.3V CMOS 16-BIT EDGE- TRIGGERED D-TYPE
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
HD74ALVCH162374 |
16-bit Edge triggered D-type Flip Flops with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
74AVC16374DGG-Q100 |
16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
|
NXP Semiconductors
|
LTC1771EMS8 LTC1771 LTC1771I LTC1771IS8 LTC1771ES8 |
Octal D-Type Edge-Triggered Read-Back Latches 24-SOIC 0 to 70 1 A SWITCHING CONTROLLER, PDSO8 Octal D-Type Edge-Triggered Read-Back Latches 24-PDIP 0 to 70 低静态电流高效率降压DC / DC控制 From old datasheet system Low Quiescent Current High Efficiency Step-Down DC/DC Controller
|
Linear Technology, Corp. LINER[Linear Technology]
|
IDT74LVCH32374A 74LVCH32374A_DS_93505 |
3.3V CMOS 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP From old datasheet system
|
IDT
|
74VHCT74A 74VHCT74AM 74VHCT74ASJ 74VHCT74 74VHCT74 |
Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 AHCT/VHCT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP14 Dual D-Type Flip-Flop with Preset and Clear AHCT/VHCT/VT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VHCU04MX 74VHCU04SJX 74VHCU04 74VHCU04M 74VHCU04 |
Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 CERAMIC CHIP/MIL-PRF-55681 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP -40 to 85 Hex Inverter
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IDT74LVC574A 74LVC574A_DS_31950 IDT74LVC574ASO IDT |
3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O From old datasheet system 3.3V CMOS Octal Edge-Triggered D-Type Flip-Flop with 3-State Outputs, 5.0V Tolerant I/O 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5V TOLERANT I/O
|
Integrated Device Techn... IDT[Integrated Device Technology]
|
74LVCH32374A 74LVCH32374A_1 74LVCH32374AEC |
32-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state From old datasheet system
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|