PART |
Description |
Maker |
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
FNQ-R-25 FNQ-R-15 |
Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm Cartridge Fuse; Current Rating:15A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ-R
|
COOPER INDUSTRIES
|
LP-CC-2-1/2 LP-CC-25 LP-CC-9 LP-CC-10 |
Cartridge Fuse; Current Rating:2.5A; Voltage Rating:600VAC; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Series:LP-CC TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 600VAC, 300VDC, 200000A (IR), INLINE/HOLDER Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:10.31 x 38.1mm; Diameter:10.3124mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm RoHS Compliant: No Cartridge Fuse; Current Rating:9A; Voltage Rating:600VAC; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:LP-CC RoHS Compliant: No Cartridge Fuse; Current Rating:10A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:10.31 x 38.1mm; Diameter:10.3124mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm RoHS Compliant: No
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
225125 225100 25508080001 239250P 250R120 229350 2 |
2AG Fast-Acting Fuse Insulating Nuts for CF8 Fuse 5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse POLYFUSE Resettable PTCs Radial Leaded 2AG Slo-Blo Fuse Battery Clamp for CF8 Fuse Rated 58V SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
|
AZDISPLAYS LITTELFUSE[Littelfuse]
|
BC869 BC869-16 BC869-25 BC869_4 BC869/T1 |
From old datasheet system PNP medium power transistor Automotive Fuse; Current Rating:20A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Fuse Size/Group:15.41 x 10.92 x 3.81mm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
J-21 J-26 J-42 J-13 J-16 |
Class H (K), J and R ferrule and blade fuse reducers
|
Cooper Bussmann, Inc.
|
BC860CL BC860AL |
Leaded Cartridge Fuse; Current Rating:700mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Automotive Fuse; Current Rating:15A; Voltage Rating:32V; Fuse Type:Fast Acting; Fuse Terminals:Blade; Length:18.54mm; Series:257; Fuse Size/Group:18.54 x 19.05 x 5.08mm 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Ironwood Electronics
|
01530008Z |
Blade Fuse Holders - PCB Mount Fuse Holder for MINI? Style Blade Fuse
|
Littelfuse
|
170M3171 170M4066 170M3216 170M3214 170M3019 170M6 |
ELECTRIC FUSE, 500A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 630A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 250A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 160A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 400A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 800A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 350A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 125A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 80A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 700VAC, 200000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
BETM-2A-1500 BETM-2A-250 BETM-2A-500 BEM-2A-500 BE |
Analog IC 模拟IC FUSE FAST 2.50A SHORT UL TE5 FUSE FAST-ACT 1.60A 50V 1206 SMD FUSE, RESETTABLE, 15V, 100MA, 500MW, 15V, 100MA, 0805 BIPHASE MODULATORS
|
Merrimac Industries, Inc.
|
3404.0044.XX 3404.0019.XX 3404.0014.XX 3404.0043.X |
FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT FUSE, SMD, 125V, 8A; Current, fuse rating:8A; Voltage rating, AC:125V; Fuse type, blowing characteristic:Quick Acting F RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
|
SCHURTER AG Schurter Inc.
|
STD4NA40 STD4NA40-T4 STD4NA40-1 |
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR Leaded Cartridge Fuse; Current Rating:500mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 3.3A I(D) | TO-251
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
|