PART |
Description |
Maker |
HFBR-57E0AL HFBR-57E0AP HFBR-57E0L HFBR-57E0P |
HFBR-57E0AL · 125/155 MBd Multi Mode SFP Transceiver with Tx-Disable feature, Standard de-latch, -40C to 85C HFBR-57E0AP · 125/155 MBd Multi Mode SFP Transceiver with Tx-Disable feature, Bail de-latch, -40C to 85C HFBR-57E0L · 125/155 MBd Multi Mode SFP Transceiver with Tx-Disable feature, Standard de-latch, 0C to 70C HFBR-57E0P · 125/155 MBd Multi Mode SFP Transceiver with Tx-Disable feature, Bail de-latch, 0C to 70C
|
Agilent (Hewlett-Packard)
|
HFBR-0555 HFBR-5905 HFBR-5905A |
ATM Multimode Fiber Transceivers in 2 x 5 Package Style HFBR-0555 · Evaluation Kit for 155 Mbit ATM for Multimode HFBR-5905 · 155 Mbit/s MMF (2km) SFF Transceiver for SONET/SDH, ATM (OC-3): 0C to 70C HFBR-5905A · 155 Mbit/s MMF (2km) SFF Transceiver for SONET/SDH, ATM (OC-3): -40C to 85C 155 Mbit/s MMF (2km) SFF Transceiver for SONET/SDH. ATM (OC-3): -40C to 85C 155兆位/ s的SONET的人造纤维(2公里)准系统收发 SDH的。自动柜员机(的OC - 3):- 40C5C Evaluation Kit for 155 Mbit ATM for Multimode 评估板为155兆多模自动柜员机
|
http:// Agilent (Hewlett-Packard) Applied Micro Circuits, Corp. Avago Technologies, Ltd.
|
HFBR-5963AL HFBR-5963L |
HFBR-5963AL · 125/155 Mb/s Multi Mode SFF Transceiver with LC connector, -40C to 85C HFBR-5963L · 125/155 Mb/s Multi Mode SFF Transceiver with LC connector, 0C to 70C
|
Agilent (Hewlett-Packard)
|
V23806-A34-C2 V23806-A84-C2 |
SM 155 Mbd ATM/SDH/SONET Transceiver SM 155 Mbd FDDI Transceiver Single Mode FDDI 1x9 Transceiver with SC Receptacle
|
INFINEON[Infineon Technologies AG]
|
HFBR-5921L HFBR-5923L HFBR-0572 |
Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver HFBR-5921L · 2.125/1.0625 GBd 850nm VCSEL 3.3V Transceiver for Fibre Channel/Storage in 2x5 SFF PTH Package HFBR-5923L · 2.125/1.0625 GBd 850nm VCSEL 3.3V Transceiver for Fibre Channel/Storage in 2x6 SFF PTH Package HFBR-0572 · Evaluation Kit for SFF PTH Multimode Fibre Channel Applications
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HFBR-789B HFBR-779B |
HFBR-789B · 12 x 2.5GBd Parallel Optic Pluggable Receiver for 62.5um fiber HFBR-779B · 12 x 2.5GBd Parallel Optic Pluggable Transmitter for 62.5um fiber
|
Agilent (Hewlett-Packard)
|
HFBR-5911L HFBR-5911AL |
HFBR-5911L · 1.25 GBd MMF Small Form Factor (SFF) Pin Through Hole (PTH) Transceiver for GbE Application HFBR-5911AL · 1.25 GBd MMF Small Form Factor (SFF) PTH Transceiver for GbE Application: Extended Temp.
|
Agilent (Hewlett-Packard)
|
HFBR-5701LP HFBR-5701L |
HFBR-5701L · 1.25/1.0625 GBd MMF Pluggable (SFP) Transceiver for GbE and Fibre Channel: Standard delatch HFBR-5701LP · 1.25/1.0625 GBd MMF Pluggable (SFP) Transceiver for GbE and Fibre Channel: Bail-wire delatch
|
Agilent (Hewlett-Packard)
|
HFCT-5006 HFCT-5961NG HFCT-5961NL HFCT-5961ATL HFC |
HFCT-5006 · Evaluation Kit for SFF LC Singlemode for SONET/SDH, ATM (OC-3/OC-12) Applications HFCT-5961NG · 155 Mbit/s SMF (40km) 2x5 PECL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/o EMI Shield HFCT-5961NL · 155 Mbit/s SMF (40km) 2x5 PECL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield HFCT-5961ATL · 155 Mbit/s SMF (15km) 2x5 PECL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C: w/ EMI Shield HFCT-5961ATG · 155 Mbit/s SMF (15km) 2x5 PECL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C: w/o EMI Shield HFCT-5961TL · 155 Mbit/s SMF (15km) 2x5 PECL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield
|
Agilent (Hewlett-Packard)
|
V23806-A8-C102 |
MM 155 MBd FE/FDDI/ATM Transceiver
|
Infineon
|
V23806-A84-C20 |
SM 155 Mbd ATM/SDH/SONET Transceiver
|
Infineon
|