PART |
Description |
Maker |
CSD882P CSD882R CSD882 CSD882E CSD882Q |
10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSB772P 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSB772R 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSB772Q 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSB772E 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSB772 Audio Frequency Power Amplifier and Low Speed Switching Applications
|
CDIL[Continental Device India Limited]
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
NTE275 NTE274 |
Silicon complementary PNP transistor. Darlington power apmlifier, switch. Silicon Complementary Transistors Darlington Power Amplifier, Switch
|
NTE[NTE Electronics]
|
2N5883 |
Complementary Silicon PNP Power Transistor(25A00W0V(集电极-发射极),补偿型PNP功率晶体 25 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
ON Semiconductor
|
CZT32C CZT31C |
2.0W COMPLEMENTARY SILICON POWER TRANSISTOR
|
Central Semiconductor Corp
|
TIP31 |
Complementary Silicon Power Transistor
|
Nell Semiconductor Co.,...
|
CJD340 CJD350 |
COMPLEMENTARY SILICON POWER TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
BD244C BD243C |
COMPLEMENTARY SILICON POWER TRANSISTOR
|
STMICROELECTRONICS[STMicroelectronics]
|
2SA900 2SA0900 |
For low-frequency Power amplification Complementary 1 A, 18 V, PNP, Si, POWER TRANSISTOR, TO-126
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
MJ15001G MJ1500105 MJ15002G MJ15002 MJ15001 |
Complementary Silicon Power Transistors 15 A, 140 V, NPN, Si, POWER TRANSISTOR, TO-204AA
|
ONSEMI[ON Semiconductor]
|
TIP41 TIP42BG TIP41BG TIP41AG TIP41CG TIP42AG TIP4 |
Complementary Silicon Plastic Power Transistors 6 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Rectron Semiconductor
|