PART |
Description |
Maker |
VF59415046.72M VF594SL15046.72M VF594L15046.72M VF |
Wide Frequency Range, Very Low Phase Jitter, Wide Pullability, Standard Footprint, Wide Operating Temperature, EMI Shielded 频率范围宽,非常低相位抖动,宽Pullability,标准足迹,宽工作温度,电磁屏蔽
|
ECM Electronics List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
95V857ALLFT ICS95V857 ICS95V85709 95V857AGLFT 95V8 |
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
|
Integrated Circuit Systems Integrated Device Technology
|
ICS97ULPA877AK-T ICS97ULPA877A ICS97ULPA877AH-T IC |
1.8V Low-Power Wide-Range Frequency Clock Driver
|
Integrated Circuit Systems
|
ICS97U877AK ICS97U877AH ICS97U877 |
1.8V Wide Range Frequency Clock Driver From old datasheet system
|
Integrated Circuit Systems ICS
|
P2781A-B P2781-82-84 |
Wide Input Frequency Range Devices From old datasheet system
|
ALSC
|
ICS95V847YGLF-T |
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
|
Integrated Circuit Systems Integrated Circuit Solution Inc
|
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
ICS95VB847YGLF-T ICS95V847 ICS95V847YGLF-T |
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz) From old datasheet system
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems]
|
VTO-SW-S-8P |
SMD VC-TCXO Sine wave Wide frequency range up to 500 MHz
|
QUARTZCOM the communications company
|
ICS97U870AK ICS97U870AH ICS97U870 ICS97U870AKIT |
Feedback pins for input to output synchronization 1.8V Wide Range Frequency Clock Driver From old datasheet system
|
Integrated Device Techn... ICS Integrated Device Technology
|