PART |
Description |
Maker |
CRD10RM0CB |
ROTARY CODED SWITCH-10POSITIONS, BINARY CODED DECIMAL, LATCHED, 20VDC, THROUGH HOLE-STRAIGHT
|
C & K COMPONENTS INC
|
7743G-1-016E |
ROTARY CODED SWITCH-16POSITIONS, BINARY CODED HEXADECIMAL, LATCHED, 0.1A, 16VDC, SURFACE MOUNT-STRAIGHT
|
BOURNS INC
|
07-1154-300000 07-3034-300000 |
ROTARY CODED SWITCH-16POSITIONS, HEXADECIMAL, LATCHED, THROUGH HOLE-RIGHT ANGLE ROTARY CODED SWITCH-10POSITIONS, BINARY CODED DECIMAL, LATCHED, THROUGH HOLE-STRAIGHT
|
ELMA ELECTRONIC INC
|
LAN83C180TQFP LAN83C18001 LAN83C180 |
Ethernet Transceiver, 10Mbps|100Mbps Maximum Data Rate, 64-TQFP 10/100 FAST ETHERNET PHY TRANSCEIVER From old datasheet system
|
Standard Microsystems Corp. SMSC[SMSC Corporation]
|
UT63M143-BPA UT63M143-BPX 5962G0724201QYA 5962G072 |
DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, CDIP36 CERAMIC, DIP-36 DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, CDFP24
|
TE Connectivity, Ltd. Cypress Semiconductor, Corp.
|
MAX1480E-MAX1490E MAX1490EBEPG MAX1480E MAX1480E_M |
"?à15kV ESD-Protected, Isolated RS-485/RS-422 Data Interfaces" LINE TRANSCEIVER|HYBRID|1 DRIVER|1 RCVR|DIP|28PIN|PLASTIC LINE TRANSCEIVER, PDIP28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. RS-485
|
BD52XXG BD5247 BD5257 BD5256 BD5344 BD5241 BD5243 |
Static Monitor Jack; Features:Allows an operator to disconnect a ground cord from the wrist band and leave the workstation without deactivating Polarizing post; For Use With:N2500 series, 4-wall headers; Body Material:Glass-filled Polyester; Color:Beige; Features:Hi-temperature plastic RoHS Polarizing post; For Use With:N2500 series, 4-wall headers; Body Material:Glass-filled Polyester; Color:Black; Features:Low-temperature plastic RoHS Color Coded Flat Cable, 3302/25 28 AWG, .050 (1.27) ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87% Color Coded Flat Cable, 3302/10 28 AWG, .050 (1.27) 电压检测器IC VOLTAGE DETECTOR IC 电压检测器IC Insulating Tape; Tape Backing Material:PVC; Width:0.75"; Roll Length:20ft; Adhesive Material:Rubber RoHS Compliant: Yes 电压检测器IC Color Coded Flat Cable, 3302/34 28 AWG, .050 (1.27) 电压检测器IC Color Coded Flat Cable, 3302/09 28 AWG, .050 (1.27) 电压检测器IC Color Coded Flat Cable, 3302/18 28 AWG, .050 (1.27) 电压检测器IC
|
Rohm CO.,LTD. Electronic Theatre Controls, Inc. Microsemi, Corp.
|
IRM7000 |
Data Transceiver
|
Siemens Optoelectronics
|
KYL-500S |
SmartWireless Transceiver Data Module
|
SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.
|
|