PART |
Description |
Maker |
TDA7439DS |
THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
|
ST Microelectronics
|
TDA7439D TDA7439 TDA7439B |
THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
|
STMICROELECTRONICS[STMicroelectronics]
|
TDA7439 TDA7439B TDA7439D |
THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
|
ST Microelectronics
|
CAT5129TDI-00-GT3 CAT5129TDI-00-T3 CAT5129TDI-10-G |
10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8 32-Tap Digitally Programmable Potentiometer (DPP⑩) 32-Tap Digitally Programmable Potentiometer (DPP垄芒)
|
Catalyst Semiconductor
|
ISL2234909 ISL22349WFV14Z |
Quad Digitally Controlled Potentiometers QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO14 Quad Digitally Controlled Potentiometers
|
Intersil Corporation Intersil, Corp.
|
AT86ZL3201 |
The AT86ZL3201 Z-Link?Controller is an 8-bit AVR?Microcontroller customized for IEEE 802.15.4/ZigBee?for wireless monitor and control applications; supports the 868/915 MHz and 2.4 GHz bands with data rates of 20 kbps, 40 kbps, and 250
|
Atmel
|
TDA7463A |
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
|
ST Microelectronics
|
X9259_07 X9259 X9259TS24 X9259TS24-2.7 X9259TS24I |
Quad Digitally-Controlled Potentiometers Quad Digitally Controlled (XDCP™)Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Quad Digitally Controlled (XDCP™)Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-TSSOP T&R QUAD 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
X9420WS16 X9420WS16IZ X9420_06 X9420 X9420WS16-2.7 |
Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO14 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP 2.5K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO14 Single Digitally Controlled Potentiometer
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|