PART |
Description |
Maker |
AT24C01 AT24C01-10MC AT24C01-10MC-1.8 AT24C01-10MC |
2-WireSerialEEPROM 122 x 32 pixel format, Compact LCD size 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
HN58W241000FPIE HN58W241000I HN58W241000I05 |
Two-wire serial interface 1M EEPROM (128-kword ? 8-bit) Two-wire serial interface 1M EEPROM (128-kword × 8-bit)
|
Renesas Electronics Corporation
|
AT24C64 AT24C64-10PC AT24C64-10PC-1.8 AT24C64-10PC |
128 x 64 pixel format, LED or EL Backlight available 2-WireSerialEEPROM ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,M:ML043MW015 M Series (0.4") I/O Module 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Quadruple 2-Input Positive-OR Gates 14-VQFN -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CAP 2.2UF 16V 10% TANT SMD-3216-18 TR-13 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 Hex Buffers And Line Drivers With 3-State Outputs 16-SSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14
|
ATMEL[ATMEL Corporation] Atmel Corp. ATMELCorporation Atmel, Corp. ATM Electronic, Corp. TE Connectivity, Ltd.
|
DS1841 DS1841T DS1841TTR DS1841TTAMPR |
Temperature-Controlled, NV, I2C, Logarithmic Resistor 22K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, DSO10
|
Maxim Integrated Products, Inc.
|
FM24C08U_09U FM24C16U_17U FM24C02U FM24C04U_05U FM |
I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 90POS DUAL T/H M1 - M1 CABLE 6 FEET 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 2K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AM24LC21BISA AM24LC21B AM24LC21BIN AM24LC21BINA AM |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS Dual Mode/ 1K-bits (128 x 8) 2-Wire Serial EEPROM Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
|
Anachip Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
FM24C04 FM24C04U FM24C04UE FM24C04UL FM24C04ULZ FM |
I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 80POS DUAL SMD 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 4K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ISL22316UFU10Z |
Single Digitally Controlled Potentiometer 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO10
|
Intersil, Corp.
|
ISL90727 ISL90727UIE6Z ISL90727UIE6Z-TK ISL90727WI |
Digitally Controlled Potentiometer (XDCP) 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO6
|
Intersil, Corp. Intersil Corporation
|
AT88RF001NBSP AT88RF001-01 AT88RF001 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each RF Interface IC with 256-bit EEPROM and Password. Provides an RF interface for communication with two-wire and SPI serial memories. Low-cost Asset Identification IC with serial TWI/SPI interface, 320 bits RFID External EEPROM Interface IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
AD5325BRMZ-REEL7 AD5340 AD5341 AD5342 AD5300 AD533 |
2.5 V to 5.5 V, 500 µA, 2-Wire Interface Quad Voltage Output 12-Bit DAC in a 10-Lead MicroSOIC Package; Package: MSOP; No of Pins: 10; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO10 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface 2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface
|
Analog Devices, Inc.
|
X9252WV24I-2.7 X9252WV24IZ-2.7 X9252YV24IZ-2.7 X92 |
Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface QUAD 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface QUAD 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 PANAVISE CCTV CAMERA MOUNT BASES, COLOR: BLACK, TRI-FOOT
|
Intersil, Corp. 数字电位 INTERSIL[Intersil Corporation]
|