PART |
Description |
Maker |
ST72215GX-AUTO ST72216GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
ST72C215G2MCE |
8-bit MCU for automotive with single voltage Flash/ROM memory,ADC, 16-bit timers, SPI, I2C interfaces
|
ST Microelectronics
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
ST72314N4B6 ST72334J2T3LLCTR ST72314J4B6 ST72334J4 |
ST72334J/ST72334N/ST72314J/ST72314N/ST72124J - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY,ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
|
ST Microelectronics
|
ST7FLITEU09M3 ST7FLITEU0ICD ST7PLITEU05M3TR ST7PLI |
8-bit MCU with single voltage Flash memory, ADC, timers
|
STMicroelectronics
|
ST7FOXF1 ST7FOXK1 ST7FOXK2 |
8-bit MCU with single voltage Flash memory, SPI, I?C, ADC, timers
|
STMicroelectronics
|
ST92250CR1Q6 ST92250CR1QB ST92250CR1QC ST92250CR1T |
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
|
STMICROELECTRONICS[STMicroelectronics]
|
ST92F250CR2TB ST92F124 ST92F124JDV2TB |
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
|
STMicroelectronics http://
|
ST92F150CR1TC ST92F150CR2QB ST92F150CR2QC ST92F150 |
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
|
STMicroelectronics http://
|
ST7F10BF0B3TR ST7F10BF0B6 ST7F10BF0B6TR ST7F10BF0M |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
|
STMicroelectronics
|
ST92F150 |
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM / E3 TMEMULATED EEPROM / CAN 2.0B AND J1850 BLPD
|
ST Microelectronics
|
|