PART |
Description |
Maker |
D2425F-10 H12D4840D D2440D |
IC,Normally-Open Panel-Mount Solid-State Relay,2-CHANNEL,M:HL048HD4.4 DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX RELAY, SOLID STATE DUAL 40A 240VAC DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom Inc. Crydom, Inc. CRYDOM CORP
|
AQB1A2-ZT3/6VDC AQB1A1-ZT3/6VDC AQB1A2-ZT10/18VDC |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 43 X 9 MM, 24 MM HEIGHT, ROHS COMPLIANT PACKAGE-4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Panasonic, Corp.
|
G3M-102PL-US G3M-202PL-US G3M-102PL-US-4 G3M-202PL |
Solid State Relays TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX SIP-4
|
Omron Electronics LLC Analog Devices, Inc. Mitsubishi Electric, Corp.
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
AQ3A2-J-ZT4/32VDC AQ10A2-ZT4/32VDC AQ2A2-J-ZP3/28V |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX ROHS COMPLIANT, DIL-4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX ROHS COMPLIANT, SIL-4 TRIGGER OUTPUT SOLID STATE RELAY, 3000 V ISOLATION-MAX ROHS COMPLIANT, DIL-4 TRIGGER OUTPUT SOLID STATE RELAY, 3000 V ISOLATION-MAX ROHS COMPLIANT, SIL-4
|
Panasonic, Corp. Integrated Device Technology, Inc. STMicroelectronics N.V.
|
SN-24D01HZ-CRT SN-12D01-F SN-5A01-FT |
TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
FUJITSU Component., Ltd. FUJITSU COMPONENT LTD
|
E3PT48A12 E3PT48A50 E3PT48A50H E3PT48D12 E3PT48D50 |
TRIGGER OUTPUT SOLID STATE RELAY Three-Phase Output to 50A 520 Vac Touch-Proof, AC or DC Control
|
Teledyne Technologies Incorporated
|
CSD2425F CSW2425PG CSW2425PGSH W2475FGSH |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom Inc. CRYDOM CORP
|
G3PB-545B-2N-VD |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Citizen Finetech Miyota
|
D2N103LE D2N202LE24 |
3 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
CKRD6020P CKRA6030EP |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|
HPF480D30R |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE
|
Crydom, Inc.
|