PART |
Description |
Maker |
2205-H-RC 2202-V-RC 2218-H-RC 2215-V-RC 2208-H-RC |
Toroidal Inductor; Series:2200; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:10.3A; DC Resistance Max:0.010ohm; Leaded Process Compatible:Yes 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:12uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:12A; DC Resistance Max:0.008ohm; Leaded Process Compatible:Yes 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.3A; DC Resistance Max:0.10ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.8A; DC Resistance Max:0.075ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:7.1A; DC Resistance Max:0.022ohm; Leaded Process Compatible:Yes 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount Low cost Toroidal Inductor; Series:2200; Inductance:68uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.9A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes Toroidal Inductor; Series:2200; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.2A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Rohm Bourns Electronic Solut...
|
39860-0106 39860-0104 39860-0102 39861-0105 |
CONN TERM BLOCK 6POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 4POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Neo 5.08mm TB Plug S86 STY 05 Ckt 02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Pitch Spacing:0.2"; Body Material:Nylon 6/6; Gender:Plug; No. of Contacts:5; No. of Rows:1; Series:Beau Eurostyle 39861 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
3T110B 3T072B 3T110A 3T064A 3T064B 3T072A 3T350B 3 |
TWO TERMINAL THYRISTOR SERIES
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
16-02-0117 70021-0225 0016020117 |
SL?/a> Crimp Terminal, Series 70021, Male, with 0.76μm (30μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag SL Crimp Terminal, Series 70021, Male, with 0.76μm (30μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag SL垄芒 Crimp Terminal, Series 70021, Male, with 0.76楼矛m (30楼矛) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag
|
Molex Electronics Ltd.
|
19067-0006 19067-0016 19067-0085 19067-0040 19067- |
RING NYLAKRIMP FUNNEL ENTRY (D-950-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (F-969-12) COPPER ALLOY, WIRE TERMINAL 190670040 COPPER ALLOY, TIN FINISH, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-950-14) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-14) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-56) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-38) COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):4; Stud Size:#10; Insulator Color:Yellow; Series:RING NYLAKRIMP (F-766-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-953-58) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (E-957-14) COPPER ALLOY, TIN FINISH, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (F-966-76) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-950-56)
|
Molex, Inc. MOLEX INC
|
2SK2180 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2560 |
Power MOSFETs / VZ Series (Three Terminal Type)
|
Shindengen
|
2SK2198 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
TA78L132AP TA78L020AP TA78L075AP TA78L006AP TA78L0 |
Three-Terminal Positive Regulators 13.2V Three-Terminal Positive Regulators 20V Three-Terminal Positive Regulators 7.5V Three-Terminal Positive Regulators 6V Three-Terminal Positive Regulators 10V Three-Terminal Positive Regulators 8V Three-Terminal Positive Regulators 12V Three-Terminal Positive Regulators 15V Three-Terminal Positive Regulators 5V Three-Terminal Positive Regulators 9V Three-Terminal Positive Regulators 24V Three-Terminal Positive Regulators 18V Three-Terminal Positive Regulators 7V
|
TOSHIBA
|
2SK2677 |
Power MOSFETs / HVX-II Series (Three Terminal Type)
|
Shindengen
|
ACH3218-220-T |
3-terminal Filters For power line ACH series
|
TDK Electronics
|
|