PART |
Description |
Maker |
HIP6311 |
PWM Controller, 2-4 Phase Sync Buck, 5-Bit VID DAC, 1.100V to 1.850V in 25mV Steps, .8% Reg, Prog Droop Voltage
|
Intersil
|
ISL6569CR ISL6569CB-T ISL6569 |
PWM Controller, 2-Phase, 5-Bit DAC, Reg %, VCORE =0.80/1.55V Multi-Phase PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6322GCRZ ISL6322GIRZ ISL6322GCRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R DUAL SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC48
|
Intersil Corporation Intersil, Corp.
|
ISL6563CR |
Two-Phase Multi-Phase Buck PWM Controller with Integrated MOSFET Drivers SWITCHING CONTROLLER, 255 kHz SWITCHING FREQ-MAX, PQCC24
|
Intersil, Corp.
|
ISL6430 ISL6430CB ISL6430CR |
Single Sync Buck PWM Controller for Broadband Gateway Applications
|
Intersil Corporation
|
ISL6565B ISL6565BCBZ |
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application 多相PWM控制器,带有精密的RDSON)或DCR电流传感针对VR10.x应用 Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO28
|
Intersil, Corp.
|
ISL8102IRZ INTERSILCORP-ISL8102CRZ-T |
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers SWITCHING CONTROLLER, PQCC32
|
Intersil, Corp.
|
LTC3730 |
3-Phase, 5-Bit Intel Mobile VID, 600kHz Sync Buck Switching Regulator Controller
|
Linear
|
ISL6306CRZ-TK ISL6306IRZ |
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing 4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision RDS(ON) or DCR Differential Current Sensing SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC40
|
Intersil Corporation Intersil, Corp.
|
UP9505 UP9505PQGW |
Phase PWM Controller
|
uPI Group Inc.
|
ISL6334DIRZ-T ISL6334DCRZ |
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features; Temperature Range: -40°C to 85°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC40 VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features; Temperature Range: 0°C to 70°C; Package: 40-QFN SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC40 VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
|
Intersil, Corp. Intersil Corporation
|