PART |
Description |
Maker |
C4530 |
OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
|
VECTRON[Vectron International, Inc]
|
C1250 |
PXO 5X7 Surface Mount Package Reflow Process Compatible ACMOS, TTL, LVPECL and LVDS
|
VECTRON[Vectron International, Inc]
|
C3430 |
Surface Mount Package Reflow Process Compatible Low Phase Noise Build in PLL-Circuit
|
VECTRON[Vectron International, Inc]
|
1N5226B-LCC3 1N5242B-LCC3 1N5241B-LCC3 1N5244B-LCC |
5.1V, 0.02A Reference diode MSTBW 2.5/13-G FKC 2.5/3-STF FAN 24VDC SPRINT ST24A3 MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-15 INSERT ARRANGEMENT, RECEPTACLE GENDER, 35 CONTACTS Cabinet Rack; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-19 INSERT ARRANGEMENT, RECEPTACLE GENDER, 10 CONTACTS ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 160 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Power Supply 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 56 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具 ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 51 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Battery, Lead-Acid, Sealed, Flame Retardant, Rechargeable, NPX ser. 12V, 150 WPC - 1.67VPC 15 Min - FR 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具 ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
http:// SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. Coilcraft, Inc. SEMELAB LTD
|
D208 C508 F308 C108 C4550 D107 E157 E258 F207 C455 |
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package. OCXO, CLOCK, 100 MHz, HCMOS OUTPUT SMD, 19 PIN TRNSISTOR, BIPOLAR Previous Vectron Model Numbers OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package Oven Controlled Crystal Oscillator
|
Vectron International, Inc. Electronic Theatre Controls, Inc. VECTRON[Vectron International, Inc]
|
CD214A-B330 B360 |
Schottky Rectifier; Forward Current:3A; Forward Voltage:0.5V; Leaded Process Compatible:No; Mounting Type:Surface Mount; Package/Case:DO-214AC; Packaging:Cut Tape; Peak Reflow Compatible (260 C):No RoHS Compliant: No Schottky Rectifier; Forward Current:3A; Forward Voltage:0.7V; Leaded Process Compatible:No; Mounting Type:Surface Mount; Package/Case:DO-214AC; Packaging:Cut Tape; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
BOURNS INC
|
CS301109 CS3012-ISZ |
Operational Amplifier (Op-Amp) IC; Slew Rate:2V/us; Package/Case:8-SOIC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):Yes; Mounting Type:Surface Mount DUAL OP-AMP, 10 uV OFFSET-MAX, PDSO8 Precision Low-voltage Amplifier; DC to 1 kHz
|
Cirrus Logic, Inc.
|
MBR0540T1 MBR0540T1G MBR0540T3 MBR0540T3G |
Surface Mount Schottky Power Rectifier SOD−123 Power Surface Mount Package 0.5 A, 40 V, SILICON, SIGNAL DIODE From old datasheet system Surface Mount Schottky Power Rectifier SOD−123 Power Surface Mount Package 0.5A 40V Schottky Rectifier
|
Rectron Semiconductor ONSEMI[ON Semiconductor]
|
ST180C ST180CXXX |
Power Supply Controller IC; Package/Case:28-SSOP; Supply Voltage Max:5.5V; Leaded Process Compatible:No; Output Voltage Max:3.6V; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No PHASE CONTROL THYRISTORS Hockey Puk Version
|
IRF[International Rectifier]
|
MMSZ75VCW MMSZ7V5CW MMSZ5V1CW MMSZ3V6CW MMSZ68VCW |
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd Tak Cheong Electronics ...
|
MMSZ5226BW MMSZ5224BW MMSZ5235BW MMSZ5239BW |
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
|