PART |
Description |
Maker |
28C64AF-20/TS 28C64AF-15/TS 28C64AF-15I/TS 28C64AF |
16-Bit Parallel-Input Voltage-Output DACs with Internal Reference 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5591/MAX5593/MAX5595 x8的EEPROM 32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM
|
Microchip Technology, Inc.
|
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
25AA640T-I/SN 25AA640-I/ST 25AA640-I/P 25LC640X-E/ |
Evaluation Kit for the MAX1715 Evaluation Kit for the MAX1879 Evaluation Kit for the MAX1864 3µs, 12-Bit ADC Evaluation Kit for the MAX1717 Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) SPI串行EEPROM
|
Luxo, Corp.
|
MAX1583XETB MAX1583YETB MAX1583ZETB MAX1583EVKIT M |
White LED Camera-Flash MAX1583 Evaluation Kit 1 A, 24 V, evaluation kit 500 mA, 24 V, evaluation kit 250 mA, 24 V, evaluation kit
|
MAXIM - Dallas Semiconductor
|
8606301XG 8606301YA 8606301YG 8606302YA 8606303XG |
x8 EPROM EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors with Charge-Pump Outputs Evaluation System/Evaluation Kit for the MAX6870, MAX6871, MAX6872, MAX6873, MAX6874, MAX6875 Evaluation Kit/Evaluation System for the MAX6876 Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors x8存储
|
Air Cost Control
|
SST29EE010A-90-4C-PH SST29EE010A-120-4C-U2 SST29LE |
4 Mbit (512K x 8/256K x 16) nvSRAM 128Kx8 EEPROM 128Kx8 EEPROM
|
Silicon Storage Technology, Inc.
|
2683-100410 2683-200240 2683-200410 2683-100240 26 |
Quadruple-Mode LNA/Mixer Evaluation Kits MAX2582 Evaluation Kit Evaluation Kit for the MAX2601, MAX2602 Interface IC Quad-Band TDD-WCDMA RF-to-Bits Radio Receiver 接口IC
|
Teledyne Technologies, Inc.
|
5962-8863401YX 5962-8863401UX 5962-8863405XX 5962- |
3.3V/5V E1 Single Chip Transceivers (SCT) 128Kx8 EEPROM 128Kx8 EEPROM Quad T1/E1/J1 Transceivers x8的EEPROM
|
OSRAM GmbH Air Cost Control
|
5962-8683001XX 5962-8683007YA 5962-8683007YX 5962- |
3-Pin Silicon Oscillator Silicon Oscillator with Low-Power Frequency Select and Enable 128Kx8 EEPROM 128Kx8 EEPROM
|
MtronPTI
|
27C256RPDS-30 27C256RPFE-15 27C256RPFE-17 27C256RP |
Video Op Amp Evaluation Kit for the MAX3996 Evaluation Kit for the MAX4060 Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switch Micropower, SOT23, Rail-to-Rail, Fixed-Gain GainAmp Open-Loop GainAmps Op Amps Evaluation Kit for the MAX4063 Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps Evaluation Kit for the MAX4000, MAX4001, MAX4002 x8存储 x8 EPROM x8存储 Precision Video Buffer Amplifier x8存储 Ultra-Low Offset Voltage Operational Amplifier x8存储
|
Atmel, Corp. HIROSE ELECTRIC Co., Ltd. Ecliptek, Corp. Vishay Intertechnology, Inc. Superior Electric
|
VV5430C001 EVK-5430-001 EVK-5430-002 VV5430 |
EIA evaluation kit for VV5430 sensor Monochrome Analog Output CMOS Image Sensors CCIR evaluation kit for VV5430 sensor
|
STMICROELECTRONICS[STMicroelectronics] VLSI Vision Limited
|
DS1701K |
1-Wire Temperature Sensor Evaluation Kit 1-Wire Thermal Device Evaluation Kit
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconductor]
|