PART |
Description |
Maker |
APL1087E APL1087E-DC-TUL APL1087E-25DC-TRL APL1087 |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
|
ANPEC[Anpec Electronics Coropration]
|
APL1087 APL1087-DC-TR APL1087-DC-TU APL1087-DC-TUL |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
|
ANPEC[Anpec Electronics Coropration]
|
APL1087R-18DC-TUL APL1087R-18DC-TRL APL1087R-18EC- |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V 800mA的低压差快速反应积极可调稳压器和固.8V.5V.3V
|
Anpec Electronics Corporation Anpec Electronics, Corp.
|
APL1087E-UC-TUL APL1087E-DC-TUL APL1087E-VC-TUL AP |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V 800mA的低压差快速反应积极可调稳压器和固.8V.5V.3V
|
Anpec Electronics Corporation Anpec Electronics, Corp.
|
AS1117M3 AS1117U-5.0 AS1117T-2.5 AS1117S-5.0 AS111 |
ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 Analog IC 模拟IC Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 800mA Low Dropout Regulator
SCSI-II Active Terminator
|
Alpha Industries, Inc. TE Connectivity, Ltd. SIPEX
|
TC2117 TC2117-3.3VDBTR TC2117-3.3VEBTR TC2117-1.8V |
The TC2117 is a fixed, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... 800mA Fixed Low Dropout Positive Regulator
|
Microchip Technology
|
BL8074CC3TR181 BL8074CC3TR121 BL8074CC3TR251 BL807 |
800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
|
SHANGHAI BELLING CO., L...
|
LT1585-1.5 LT1585A-1.5 LT1585CT-1.5 LT1585ACM-1.5 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
AZ1117BH-2.5TRE1 AZ1117BH-3.3TRE1 |
800mA LOW DROPOUT LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO3 800mA LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO3
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd.
|
TS5218 |
800mA Ultra Low Dropout Voltage Regulator
|
Taiwan Semiconductor Company
|
TS1117BCW33 TS1117BCW50 TS1117BCW18 TS1117BCW25 |
800mA Low Dropout Positive Voltage Regulator
|
TY Semiconductor Co., Ltd TY Semiconductor Co., L...
|