PART |
Description |
Maker |
1N6612 1N6613 1N6614 1N6615 |
1000 V rectifier 1.5 A forward current, 70 ns recovery time 800 V rectifier 1.5 A forward current, 70 ns recovery time 600 V rectifier 1.5 A forward current, 70 ns recovery time 400 V rectifier 1.5 A forward current, 70 ns recovery time 400 V - 1,000 V Rectifiers
|
Voltage Multipliers Electronic Theatre Controls, Inc.
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
1N5399G 1N5392G 1N5397G 1N5395G |
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.5A
|
Rugao Dachang Electronics Co., Ltd Rugao Dachang Electroni...
|
GP15A GP15M |
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.5A
|
Rugao Dachang Electronics Co., Ltd
|
US1DL US1BL US1AL |
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
|
Rugao Dachang Electronics Co., Ltd
|
ABS2 ABS10 ABS4 |
Surface Mount Bridge-Rectifier Reverse Voltage 200 to 1000 V Forward Current 1.0A
|
Rugao Dachang Electronics Co., Ltd Rugao Dachang Electroni...
|
RS3G RS3A |
Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
|
Rugao Dachang Electronics Co., Ltd
|
1N5391GTHRU1N5399G 1N5394G 1N5399G 1N5391G 1N5392G |
GENERAL PURPOSE PLASTIC RECTIFIER 通用树脂整流 GENERAL PURPOSE PLASTIC RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.5Amperes
|
涓?捣???绉???????? Shanghai LUNSURE Electronic Technology Co., Ltd. CHENYI[Shanghai Lunsure Electronic Tech] Chenyi Electronics Shanghai Sunrise Electronics
|
RHFL4913S50-04V 5962F0253401VXA 5962F0253401VXC 59 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
GBJ35005 GBJ35005-GBJ3510 |
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 100 to 1000 Volts FORWARD CURRENT 35 Ampere
|
Kingtronics Internation...
|