PART |
Description |
Maker |
AL4CX293 AL4CX263 AL4CX283 AL4CX273 |
16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
|
AverLogic Technologies Inc
|
IDT72V273L7BC IDT72V273L7BCI IDT72V273L7PF IDT72V2 |
64K x 18 / 128K x 9 SuperSync II FIFO, 3.3V 32K x 18 / 64K x 9 SuperSync II FIFO, 3.3V 16K x 18 / 32K x 9 SuperSync II FIFO, 3.3V 8K x 18 / 16K x 9 SuperSync II FIFO, 3.3V 4K x 18 / 8K x 9 SuperSync II FIFO, 3.3V 2K x 18 / 4K x 9 SuperSync II FIFO, 3.3V 1K x 18 / 2K x 9 SuperSync II FIFO, 3.3V 512 x 18 / 1K x 9 SuperSync II FIFO, 3.3V 3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
|
IDT Integrated Device Technology
|
MEGA32M1-15AZ MEGA32M1-15MZ MEGA32M1-ESAZ MEGA32M1 |
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
ATMEGA64M1 ATMEGA32M1 ATMEGA64C1 |
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
MEGA64C1-ESAZ MEGA64C1-ESMZ |
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
IDT100494BS7C IDT101494BS8C IDT101494BS8Y IDT10049 |
HIGH-SPEED BiCMOS ECL STATIC RAM 64K (16K×4-BIT) SRAM HIGH-SPEED BICMOS ECL STATIC RAM 64K (16K】4-BIT) SRAM
|
Integrated Device Technology
|
CY7C09389 CY7C09269A CY7C09379 CY7C09369A CY7C0928 |
16K/32K/64K x16/18Synchronous Dual Port Static RAM From old datasheet system
|
Cypress
|
M312L2920BG0 M312L2920BG0-A2 M312L2920BG0-B0 M312L |
TVS UNIDIRECT 1500W 150V SMC TVS 1500W 15V UNIDIRECT SMC DDR SDRAM Registered Module DDR SDRAM的注册模
|
Samsung Electronic SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
MAX17605 MAX17601 MAX17603 MAX17600 MAX17602 CAT24 |
4A Sink /Source Current, 12ns, Dual MOSFET Drivers 2K/4K-Bit Serial EEPROM with Partial Array Write Protection 2K/4K-Bit偏串行EEPROM阵列写保 1K/2K/4K/8K/16K SPI Serial CMOS EEPROM 1K/2K/4K/8K/16K SPI 串行 互补型金属氧化物 电可擦可编程只读存储 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64K8K的8电池电压的CMOS E2PROM
|
Maxim Integrated Products Atmel, Corp. ON Semiconductor TE Connectivity, Ltd.
|
P6KE250-AP P6KE10A-AP P6KE10A-TP P6KE200A-AP P6KE2 |
600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS TVS 600W 7.5V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 68V BIDIRECT DO-15 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 24V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 10V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 10V BIDIRECT DO-15 TVS 600W 150V BIDIRECT DO-15 TVS 600W 20V BIDIRECT DO-15 TVS 600W 51V BIDIRECT DO-15
|
Micro Commercial Compon... http:// Micro Commercial Components, Corp.
|
M391T2953BG0-CD5/CC M378T2953BG0-CD5/CC M378T3354B |
TVS UNIDIRECT 1500W 16V SMC 无缓冲DDR2的内存模 TVS UNIDIRECT 1500W 160V SMC TVS UNI-DIR 160V 1500W SMC TVS BIDIRECT 1500W 160V SMC DDR2 Unbuffered SDRAM MODULE
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
AS7C3364PFS36A-166TQI AS7C3364PFS32A AS7C3364PFS32 |
3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 9 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 16Vz 15.5mA-Izt 0.05 5uA-Ir 12.2Vr DO41-GLASS 5K/REEL 64K X 36 STANDARD SRAM, 12 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 12 ns, PQFP100
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|