PART |
Description |
Maker |
C21X-XX |
OUTLINE, DIRECTIONAL COUPLER, TYPE-N, OCTAVE BAND
|
Advanced Technical Materials Inc.
|
DBTC-6-4-75 DBTC-75OHMSSERIES DBTC-10-4-75 DBTC-13 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Surface Mount Directional Couplers 表面贴装定向耦合 Surface Mount Directional Couplers 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 3.1 dB INSERTION LOSS-MAX
|
http:// MINI[Mini-Circuits]
|
CH-130-4 CD-130-4BNC CD-130-4N CD-130-4SMA CD-130- |
2 MHz - 32 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.1 dB INSERTION LOSS-MAX 30 dB Bi-directional Coupler, 500 Watt 2 - 32 MHz 30 dB Bi-directional Coupler/ 500 Watt 2 - 32 MHz 2-32 MHz, 500 Watt, 30 dB Bi-directional coupler
|
MACOM[Tyco Electronics] MA-Com
|
JDC-20-3-75 |
Directional Coupler 75楼? 2 to 250 MHz Directional Coupler 75惟 2 to 250 MHz Directional Coupler 75Ω 2 to 250 MHz
|
Mini-Circuits
|
ADC-18-4-75R |
Directional Coupler 75楼? 20 to 1000 MHz Directional Coupler 75惟 20 to 1000 MHz Directional Coupler 75Ω 20 to 1000 MHz
|
Mini-Circuits
|
ADC-18-4-75 |
Directional Coupler 75楼? 20 to 1000 MHz Directional Coupler 75惟 20 to 1000 MHz Directional Coupler 75Ω 20 to 1000 MHz
|
Mini-Circuits
|
TCD-20-4 |
Directional Coupler 50楼? 5 to 1000 MHz Directional Coupler 50惟 5 to 1000 MHz Directional Coupler 50Ω 5 to 1000 MHz
|
Mini-Circuits
|
JDC-10-2 |
Directional Coupler 50Ω 5 to 750 MHz Directional Coupler 50惟 5 to 750 MHz Directional Coupler 50ヘ 5 to 750 MHz
|
Mini-Circuits
|
ADC-15-4-75 |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75惟 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits http://
|
JDC-10-4 |
Directional Coupler 50楼? 5 to 1000 MHz Directional Coupler 50Ω 5 to 1000 MHz
|
Mini-Circuits
|
ADC-10-1R |
Directional Coupler 50Ω 5 to 900 MHz Directional Coupler 50ヘ 5 to 900 MHz
|
Mini-Circuits
|