Part Number Hot Search : 
MAU215 CMHZ4104 SI7348DP AA1101F 370910 SRL5017R TDA9105 TC920
Product Description
Full Text Search
  octave Datasheet PDF File

For octave Found Datasheets File :: 1294    Search Time::1.063ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MC145442BDW MC145442BP MC145443BDW MC145443BP MC145443B MC145442B

MOTOROLA[Motorola Inc]
MOTOROLA[Motorola, Inc]
Part No. MC145442BDW MC145442BP MC145443BDW MC145443BP MC145443B MC145442B
OCR Text ...VEL (dBm) 0 -20 -25 15 dB/octave -55 -60 Figure 2. Out-of-Band Energy ExI External Input (Pin 18) The external input is the non-inverting input to the line driver. It is provided to combine an auxiliary audio signal or speech si...
Description MC145442B Single-Chip 300-Baud Modem
Single-Chip 300-Baud Modem
Slngle-Chlp 300-Baud Modem

File Size 109.99K  /  12 Page

View it Online

Download Datasheet





    MC145442DW MC145442P MC145443DW MC145443P MC145443 MC145442

Motorola, Inc.
MOTOROLA[Motorola Inc]
MOTOROLA[Motorola, Inc]
Part No. MC145442DW MC145442P MC145443DW MC145443P MC145443 MC145442
OCR Text ...nformation.) - 20 - 25 15 dB/octave - 55 - 60 Figure 2. Out-of-Band Energy ExI External Input (Pin 18) The external input is the non-inverting input to the line driver. It is provided to combine an auxiliary audio signal or speech ...
Description Single-Chip 300-Baud Modem

File Size 224.42K  /  12 Page

View it Online

Download Datasheet

    MSM6650 MSM6652 MSM6652A MSM6653 MSM6653A MSM6654 MSM6654A MSM6655 MSM6655A MSM6656A MSM6656-XXX MSM6658A-XXX MSM66P56-X

OKI electronic components
OKI[OKI electronic componets]
Part No. MSM6650 MSM6652 MSM6652A MSM6653 MSM6653A MSM6654 MSM6654A MSM6655 MSM6655A MSM6656A MSM6656-XXX MSM6658A-XXX MSM66P56-XX MSM66P54-XX MSM6656 MSM6658A
OCR Text ...conversion, and on-chip -40 dB/ octave low-pass filter (LPF). The conventional "beep" tones and 2-channel playback are now easier to use. OKI has added additional functions such as melody play, fade-out, and random playback. OKI has improve...
Description Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
Internal Mask ROM Voice Synthesis IC Internal One-Time-Programmable OTP ROM Voice Synthesis IC External ROM Drive Voice Synthesis IC

File Size 447.54K  /  45 Page

View it Online

Download Datasheet

    YMU759

Electronic Theatre Controls, Inc.
YAMAHA CORPORATION
ETC
List of Unclassifed Manufacturers
Part No. YMU759
OCR Text ...pports key control with half an octave higher and lower. ADPCM reproduction function Equipped with ADPCM decoder with 4 bits, 1 channel Supports two kinds of sampling frequency, 4 kHz and 8 kHz. Sequencer is built in. Equipped with 348 byte...
Description 1-2 CABLE/SATELLITE TV SPLITTER, 2GHZ 合成芯片的手提电
1-2 CABLE/SATELLITE TV SPLITTER, 2GHZ
SYNTHESIS LSI FOR PORTABLE TELEPHONE

File Size 392.31K  /  18 Page

View it Online

Download Datasheet

    YSS915

YAMAHA CORPORATION
ETC
Part No. YSS915
OCR Text ... in +/- 600 cent range, +/- one octave, etc.) * Voice Cancel * * * * Microphone Echo Normal microphone echo (174 msec or less (fs = 44.1 kHz)) Stereo-Echo/ Reverb-Echo Microphone Key Control (+/- 10 cents, +/- 20 cents, +/- 400 cents, +/...
Description Karaoke Processor 2 for Video disc player

File Size 819.56K  /  32 Page

View it Online

Download Datasheet

    CMX264

ETC
CML Microcircuits
Part No. CMX264
OCR Text ...lock. It has a slope of 6dB per octave between 280Hz and 3140Hz. In scramble mode, it may be selected to "whiten" the audio signal prior to split band inversion. It may be used in conjunction with the optional de-emphasis at the Rx output o...
Description Frequency Domain Split Band Scrambler

File Size 332.60K  /  26 Page

View it Online

Download Datasheet

    ZC930 ZC930TA ZC931TA ZC932TA ZC933A ZC933ATA ZC933TA ZC934ATA ZC934TA ZMV933A ZMV933ATA ZMV933TA ZV933V2TA ZMV932TA ZMV

ZETEX[Zetex Semiconductors]
Zetex Semiconductor PLC
ZETEX PLC
Part No. ZC930 ZC930TA ZC931TA ZC932TA ZC933A ZC933ATA ZC933TA ZC934ATA ZC934TA ZMV933A ZMV933ATA ZMV933TA ZV933V2TA ZMV932TA ZMV930 ZMV930TA ZMV931TA ZV931 ZV932V2TA ZV931V2TA ZMV934ATA ZMV934TA ZMV932 ZC931 ZC932 ZC933 ZC934A ZC934
OCR Text ...tolerance C-V characteristics * octave tuning from 0 to 6V * Low IR (typically 200pA) * Excellent phase noise performance * High Q * Range of miniature surface mount packages Applications * VCXO and TCXO * Wireless communications * Page...
Description 12 Volt hyperabrupt varactor diode
SILICON 12V HYPERABRUPT VARACTOR DIODES VHF BAND, 7.15 pF, 12 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE
SILICON 12V HYPERABRUPT VARACTOR DIODES VHF BAND, 4.9 pF, 12 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE
CAP 0.022UF 600V/630V 10% X7R SMD-1812 TR-7 FLEXITERM VHF BAND, 9.5 pF, 12 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE

File Size 121.46K  /  6 Page

View it Online

Download Datasheet

    VPX3214 VPX3214C VPX3216B VPX3220A

ETC[ETC]
Part No. VPX3214 VPX3214C VPX3216B VPX3220A
OCR Text ...tage subranging type. - 6 dB/octave - 12 dB/octave 2.2. Color Decoder In this block, the entire luma/chroma separation and multistandard color demodulation is carried out. The color demodulation uses an asynchronous clock, thus allowi...
Description Video Pixel Decoders

File Size 746.55K  /  80 Page

View it Online

Download Datasheet

    TIPL790A TIPL790

POINN[Power Innovations Ltd]
Power Innovations Limited
Part No. TIPL790A TIPL790
OCR Text ...olated at the rate of -6 dB per octave from f = 1 MHz to the frequency at which [hFE] = 1. thermal characteristics PARAMETER RJC Junction to case thermal resistance MIN TYP MAX 1.79 UNIT C/W inductive-load-switching characteristics a...
Description NPN SILICON POWER DARLINGTONS

File Size 220.38K  /  7 Page

View it Online

Download Datasheet

    AT48810 AT48810-CB AT48810-CH AT48810-LB AT48810-LH AT48810-RB AT48810-RH

Atmel, Corp.
Atmel Corp.
ATMEL[ATMEL Corporation]
Part No. AT48810 AT48810-CB AT48810-CH AT48810-LB AT48810-LH AT48810-RB AT48810-RH
OCR Text ...filtered (-3 dB at 200 Hz, 6 dB/octave) to give net link frequency response which is flat. Out of Band Antenna filter is -6 dB at fo 32.5 MHz and approx. -30 dB at fo 100 MHz. A cellular phone with 1 watt power at a distance of 5 feet produ...
Description 900 MHz Spread- Spectrum RF Module TELECOM, CORDLESS, BASEBAND CIRCUIT, XMA

File Size 30.52K  /  5 Page

View it Online

Download Datasheet

For octave Found Datasheets File :: 1294    Search Time::1.063ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of octave

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.3207440376282