PART |
Description |
Maker |
HS800 HS-A807-FREQ HS-A801-FREQ HS-A800-FREQ HS-80 |
5 V, /-100 ppm, ECL crystal clock oscillator 5 V, /-25 ppm, ECL crystal clock oscillator CRYSTAL CLOCK OSCILLATORS 晶体时钟振荡 5 V, /-50 ppm, ECL crystal clock oscillator 5 V, customer specific, ECL crystal clock oscillator
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] NEL Frequency Controls
|
HS-880SERIES HS871 HS877 HS879 HS880 HS881 |
CRYSTAL CLOCK OSCILLATORS 5 V, /-50 ppm, positive ECL crystal clock oscillator 5 V, /-25 ppm, positive ECL crystal clock oscillator 5 V, customer specific, positive ECL crystal clock oscillator 5 V, /-100 ppm, positive ECL crystal clock oscillator
|
NEL Frequency Controls
|
AZ100LVE111E |
ECL/PECL 1:9 Differential Clock Driver with Enable ECL / PECL:9差分时钟驱动器,带有启用
|
Arizona Microtek, Inc.
|
E1100ACETC-24000M-CL175 E1100ACETC-24000M-G E1145A |
CRYSTAL OSCILLATOR, CLOCK, 6 MHz, ECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 24 MHz, ECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 125 SPECIFICATION CONTROL DRAWING
|
http:// Ecliptek Corporation
|
NB100LVEP224_06 NB100LVEP224 NB100LVEP224FA NB100L |
2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
|
ONSEMI[ON Semiconductor]
|
MC100LVE310FN MC100LVE31006 MC100LVE310FNG MC100LV |
3.3V ECL 2:8 Differential Fanout Buffer(3.3V ECL 2 差分输出缓冲 3.3V的差分ECL 2:8扇出缓冲器(3.3 ECL 2:8差分输出缓冲器)
|
ONSEMI[ON Semiconductor]
|
ECLSOIC8EVB NB6L16D MC100EL01D MC100EL04D MC100EL0 |
3.3V / 5V ECL JK Flip Flop 5V ECL 2-Input XOR/XNOR 5V ECL Divide by 2 Divider Evaluation Board Manual for High Frequency SOIC 8
|
ONSEMI[ON Semiconductor]
|
5962-89841 PALCE22V10-15DMB PALCE22V10-10 PALCE22V |
3.3V / 5V ECL ÷2/4, ÷4/5/6 Clock Generation Chip; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 Flash-erasable Reprogrammable CMOS PAL Device FLASH PLD, 15 ns, CDFP24 Flash-erasable Reprogrammable CMOS PAL Device FLASH PLD, 10 ns, CDIP24 Flash-erasable Reprogrammable CMOS PAL Device FLASH PLD, 10 ns, CDFP24 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock; Package: 32 LEAD LQFP 7x7, 0.8P; No of Pins: 32; Container: Tape and Reel; Qty per Container: 2000 3.3V / 5V ECL ÷2/4, ÷4/5/6 Clock Generation Chip; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Rail; Qty per Container: 75 3.3V / 5V ECL ÷2/4, ÷4/5/6 Clock Generation Chip; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38
|
Ecliptek, Corp. Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
P6SMBJ8.0A P6SMBJ6.5CA P6SMBJ6.5A P6SMBJ26 P6SMBJ2 |
5V ECL 8-Bit Synchronous Binary Up Counter; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 NECL OUTPUT TRANSLATOR; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 NECL OUTPUT TRANSLATOR; Package: QFN 4x4 mm, 24 PIN; No of Pins: 24; Container: Tape and Reel; Qty per Container: 3000 3.3V ECL Differential Clock D Flip-Flop; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 5V ECL 2-Input Differential AND/NAND; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5V ECL 16:1 Multiplexer; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 5V ECL 1:2 Differential Fanout Buffer; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 2.5V / 3.3V ECL Differential Receiver/Driver; Package: DFN8 2.0x2.0x0.9mm, 0.5p; No of Pins: 8; Container: Tape and Reel; Qty per Container: 1000 5 V ECL 9-Bit Magnitude Comparator; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver; Package: 32 LEAD LQFP 7x7, 0.8P; No of Pins: 32; Container: Tape and Reel; Qty per Container: 2000 3.3V / 5V ECL JK Flip Flop; Package: DFN8 2.0x2.0x0.9mm, 0.5p; No of Pins: 8; Container: Tape and Reel; Qty per Container: 1000 3.3V ECL ÷2 Divider; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5V ECL Divide by 2 Divider; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 3.3V ECL Dual 1:3 Fanout Buffer; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 5V ECL Quint 2-Input XOR/XNOR Gate; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 表面贴装瞬态电压抑制器(电 5.020伏特00瓦峰值功率脉冲) 3.3V ECL Differential Clock D Flip-Flop; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 表面贴装瞬态电压抑制器(电 5.020伏特00瓦峰值功率脉冲) 5V ECL Differential Data and Clock D Flip-Flop; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 表面贴装瞬态电压抑制器(电 5.020伏特00瓦峰值功率脉冲) 3.3V / 5V ECL D Flip-Flop with Set and Reset; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 表面贴装瞬态电压抑制器(电 5.020伏特00瓦峰值功率脉冲) 5V ECL JK Flip-Flop; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 表面贴装瞬态电压抑制器(电 5.020伏特00瓦峰值功率脉冲) 3.3V / 5V ECL 4:1 Differential Multiplexer; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Rail; Qty per Container: 75 表面贴装瞬态电压抑制器(电 5.0220伏特00瓦峰值功率脉冲) 3.3V / 5V ECL Differential Phase-Frequency Detector; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Rail; Qty per Container: 75 表面贴装瞬态电压抑制器(电 5.0220伏特00瓦峰值功率脉冲) PV 19C 19#12 SKT PLUG 表面贴装瞬态电压抑制器(电 5.020伏特00瓦峰值功率脉冲) SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse) 表面贴装瞬态电压抑制器(电 5.020伏特00瓦峰值功率脉冲) 3.3V / 5V ECL D Flip Flop with Set and Reset; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 表面贴装瞬态电压抑制器(电 5.020伏特00瓦峰值功率脉冲) BBG ECL COUNTER 6BIT; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 表面贴装瞬态电压抑制器(电 5.020伏特00瓦峰值功率脉冲) 5V ECL 1:6 Differential Clock Distribution Chip; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 表面贴装瞬态电压抑制器(电 5.020伏特00瓦峰值功率脉冲)
|
PanJit International Inc. PanJit International, Inc. Coilcraft, Inc. http:// Pan Jit International I...
|
P6SMBJ91CA P6SMBJ.8CA P6SMBJ100A P6SMBJ100CA P6SMB |
3.3V ECL 2-Input Differential AND/NAND; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 5V ECL 1:9 Differential Clock Driver; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL Divide by 4 Divider; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 硅雪崩二极管- 600W表面贴装瞬态电压Supressors Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors 硅雪崩二极管- 600W表面贴装瞬态电压Supressors 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 3.3V ECL Quad Differential Receiver; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 3.3V ECL 1:5 Clock Distribution Chip; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 Power Rectifier; Current Rating:1A; Mounting Type:Through Hole; Package/Case:DO-26 5V ECL 6-Bit 2:1 Mux-Register; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:37; Connector Shell Size:28; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female 3.3V Differential LVPECL to LVTTL Translator; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500
|
Rectron Semiconductor Littelfuse, Inc. LITTELFUSE[Littelfuse] http://
|