PART |
Description |
Maker |
CY7C68013A-128AXI CY7C68013A-56LTXCT |
EZ-USB FX2LPUSB Microcontroller 8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP128 EZ-USB FX2LP(TM) USB Microcontroller High-Speed USB Peripheral Controller; # Endpoints: 7; Core: Enhanced 8051; Data Transfers: Bulk, Interrupt, Isochronous; Development Kit: CY3684
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
AT89C5132-ROTIL AT89C5132 |
USB Microcontroller with 64K Bytes Flash Memory
|
ATMEL[ATMEL Corporation]
|
CY7C68013A CY7C68013A-100AC CY7C68013A-128AXC CY7C |
CAC 2C 2#12 PIN PLUG 8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP128 Light Pipe; Mounting Hole Dia:3.5mm; Material:Polycarbonate; Length:10.2mm; Color:Clear; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes EZ-USB FX2LP USB Microcontroller EZ-USB FX2LP(TM) USB Microcontroller High-Speed USB Peripheral Controller
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
AT90CAN64-16AI AT90CAN64-16AU AT90CAN64-16MI AT90C |
Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller 微控制器2K/64K/128K的ISP字节闪存CAN控制 Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC64
|
Atmel Corp. Atmel, Corp.
|
Y51-03 Y51-02 Y21-01 Y31-01 Y41-03 Y61-03 Y21-02 Y |
VALVE STARTUP 3/8 阀门启8 VALVE SHUT OFF 1/8 阀门关闭了1 / 8 VALVE STARTUP 1/2 阀门启 / 2 VALVE SHUT OFF 1/4 阀门关闭了1 / 4 VALVE SHUT OFF 3/4 VALVE STARTUP 1/4 IC SRAM 512KX36 2.5V SYN 100TQFP VALVE SHUT OFF 1/2 BRACKET T 1-Mbit (128K x 8) Static RAM IC MCU 8K FULL SPEED USB 28SDIP BRACKET L 1M/512K FAST ASYNC SRAM 5V, 3.3V, ISR High-Performance CPLDs 256K (32K x 8) Static RAM -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash SPACER EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller 1-Mbit (64K x 16) Static RAM 2M x 8 Static RAM 36-Mbit DDR-II SRAM 2-Word Burst Architecture BRANCH UNIT
|
AMIC Technology, Corp. Vishay Intertechnology, Inc. NXP Semiconductors N.V. Harwin PLC
|
AT89C5131 AT89C5131-RFTIL |
USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, 7 USB Endpoints, TWI, SPI, UART, PCA 8-bit flash microcontroller with full speed USB device. Memory size 32 Kbytes. Supply voltage 3.0 to 3.6 V.
|
Atmel
|
LC87F1964A |
CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
|
Sanyo Semicon Device
|
AT90CAN128-16AI AT90CAN128-16AU AT90CAN128-16MI AT |
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
|
ATMEL Corporation
|
CY7C64713-56LTXC CY7C64713-56LFXC CY7C64713-100AXC |
EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
|
Cypress Semiconductor
|
CY7C68053-56BAXI |
MoBL-USB FX2LP18 USB Microcontroller
|
Cypress Semiconductor
|
CY7C65013-PVC CY7C65113-PC CY7C65113-SC CY7C65013- |
USB Hub with Microcontroller 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PDSO48
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|